Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG714/ADG715
–12–
REV. B
FREQUENCY – Hz
30k
–90
–80
–60
–40
100k
1M
10M
100M
VDD = 5V
TA = 25 C
–100
–70
–50
TPC 13. Crosstalk vs. Frequency
VOLTAGE – V
–3
TA = 25 C
10
0
–20
VDD = +2.5V
VSS = –2.5V
VDD = +3.3V
VSS = GND
–15
–10
–5
5
–2
–1
0
1
2
3
4
5
VDD = +5V
VSS = GND
TPC 14. Charge Injection vs. Source/Drain Voltage
TEMPERATURE – C
10
20
30
70
40
45
40
60
50
VSS = GND
80
35
30
25
20
15
10
5
0
TON, VDD = 5V
TOFF, VDD = 3V
TOFF, VDD = 5V
TON, VDD = 3V
TPC 15. TON/TOFF Times vs. Temperature for ADG714
GENERAL DESCRIPTION
The ADG714 and ADG715 are serially controlled, octal SPST
switches, controlled by either a 2- or 3-wire interface. Each bit
of the 8-bit serial word corresponds to one switch of the part. A
Logic 1 in the particular bit position turns on the switch, while a
Logic 0 turns the switch off. Because each switch is independently
controlled by an individual bit, this provides the option of having
any, all, or none of the switches ON.
When changing the switch conditions, a new 8-bit word is writ-
ten to the input shift register. Some of the bits may be the same
as the previous write cycle, as the user may not wish to change
the state of some switches. To minimize glitches on the output
of these switches, the part cleverly compares the state of switches
from the previous write cycle. If the switch is already in the
ON condition, and is required to stay ON, there will be minimal
glitches on the output of the switch.
POWER-ON RESET
On power-up of the device, all switches will be in the OFF con-
dition and the internal shift register is filled with zeros and will
remain so until a valid write takes place.
SERIAL INTERFACE
3-Wire Serial Interface
The ADG714 has a 3-wire serial interface (
SYNC, SCLK, and
DIN), that is compatible with SPI, QSPI, MICROWIRE
interface standards and most DSPs. Figure 1 shows the tim-
ing diagram of a typical write sequence.
Data is written to the 8-bit shift register via DIN under the con-
trol of the
SYNC and SCLK signals. Data may be written to
the shift register in more or less than eight bits. In each case
the shift register retains the last eight bits that were written.
When
SYNC goes low, the input shift register is enabled. Data
from DIN is clocked into the shift register on the falling edge of
SCLK. Each bit of the 8-bit word corresponds to one of the eight
switches. Figure 3 shows the contents of the input shift register.
Data appears on the DOUT pin on the rising edge of SCLK
suitable for daisy chaining, delayed of course by eight bits. When
all eight bits have been written into the shift register, the
SYNC
line is brought high again. The switches are updated with the
new configuration and the input shift register is disabled. With
SYNC held high, the input shift register is disabled, so further data
or noise on the DIN line will have no effect on the shift register.
S8
S7
S6
S5
S4
S3
S2
S1
DB7 (MSB)
DB0 (LSB)
DATA BITS
Figure 3. Input Shift Register Contents
SERIAL INTERFACE
2-Wire Serial Interface
The ADG715 is controlled via an I
2C-compatible serial bus.
This device is connected to the bus as a slave device (no clock is
generated by the switch).
The ADG715 has a 7-bit slave address. The five MSBs are 10010
and the two LSBs are determined by the state of the A0 and
A1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com