Electronic Components Datasheet Search
  English  ▼

X  

173113 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 173113
Description  FCT D-Sub Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

173113 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  173113 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/29/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1731130002
Status:
Active
Overview:
FCT D-Sub Connectors
Description:
FCT High-Density D-Sub Crimp Housing, Male, 15 Circuits
Documents:
Datasheet (PDF)
RoHS Certificate of Compliance (PDF)
Brochure (PDF)
General
Product Family
D-Sub Products
Series
173113
IP Rating
IP20
Overview
FCT D-Sub Connectors
Product Category
D-Sub Connector
Product Name
FCT Products
Type
High Density
UPC
889056254977
Physical
Circuits (Loaded)
0
Circuits (maximum)
15
Color - Resin
Black
Gender
Male
Material - Resin
PBT
Material - Shell
Steel
Net Weight
4.000/g
Number of Rows
3
Orientation
Straight
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Panel Mount
Rear
Panel Mount Method
Flange
Pitch - Mating Interface
1.98mm
Pitch - Termination Interface
1.98mm
Plating - Shell
Nickel
Polarized to Mating Part
Yes
Ports
1
Shielded
Yes
Temperature Range - Operating
-55° to +105°C
Termination Style
Crimp
Waterproof / Dustproof
No
Waterproof / Dustproof Type
IP20
Wire Size AWG
22, 24, 26, 28
Material Info
Engineering Number
CT09-15P7
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
D(2020)4578-DC (25
June 2020)
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
173113 Series
Mates With
FCT High-Density D-Sub, Size 1, 15
Position, Socket
Use With
FCT High-Density Male Crimp Contacts
1731120223 , 1731120224 , 1731120225
This document was generated on 07/29/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 173113

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173113 FESTO-173113 Datasheet
95Kb / 2P
Air solenoid valve
logo
Molex Electronics Ltd.
173113 MOLEX-173113 Datasheet
41Kb / 2P
FCT D-Sub Connectors
06/26/2019
173113-0001 MOLEX-173113-0001 Datasheet
41Kb / 2P
FCT D-Sub Connectors
06/26/2019
1731130001 MOLEX-1731130001 Datasheet
41Kb / 2P
FCT D-Sub Connectors
06/26/2019
1731130059 MOLEX-1731130059 Datasheet
44Kb / 2P
FCT High-Density D-Sub Connector, Female, Straight, Solder Cup, Gold Plating, 15 Circuits
03/22/2022
More results

Similar Description - 173113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1731090141 MOLEX-1731090141 Datasheet
222Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/05/11
1731090143 MOLEX-1731090143 Datasheet
215Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/05/25
1731090145 MOLEX-1731090145 Datasheet
385Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/05/30
1731090146 MOLEX-1731090146 Datasheet
222Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/05/11
1731090149 MOLEX-1731090149 Datasheet
222Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/05/11
1731090150 MOLEX-1731090150 Datasheet
387Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/05/30
1731090704 MOLEX-1731090704 Datasheet
161Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/05/25
1731090729 MOLEX-1731090729 Datasheet
322Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/05/30
1731091891 MOLEX-1731091891 Datasheet
222Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/05/11
1727040066 MOLEX-1727040066 Datasheet
162Kb / 1P
FCT D-SUB MINIATURE CONNECTOR
2022/07/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com