Electronic Components Datasheet Search
  English  ▼

X  

13625159 Datasheet(PDF) 1 Page - Aptiv

Part # 13625159
Description  APEX® 150 SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

13625159 Datasheet(HTML) 1 Page - Aptiv

  13625159 Datasheet HTML 1Page - Aptiv 13625159 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2019 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Headquartered in Dublin, Aptiv has approximately
150,000 employees and operates 14 technical
centers, as well as manufacturing sites and
customer support centers in 45 countries.
Visit
aptiv.com
APEX® 150 SEALED SERIES
APEX® 150 Sealed
10W Female & Male
BENEFITS
• Heavy-duty performance
• Highest current rating
• Ergonomic design
FEATURES
• Waterproof application with interfacial and
mat seal
• Compliant with USCAR design guidelines and
performance standards
• USCAR footprint compatible
• Primary Lock Reinforcement (PLR)
• Mechanical polarization
AVAILABLE CONFIGURATIONS
APPLICATIONS
Cavity Count (ways)
10, 16
Cavity Configurations (mm)
1.5
Genders
Female, Male
Sealing Type
Mat Sealed
Centerline Spacing (mm)
3.5
CPA
Optional
Sealed inline and device applications
See back page for representative part numbers and packaging dimensions.
TEMPERATURE
VIBRATION
ENVIRONMENTAL
PROTECTION
IP69K
20 G
+125°C
-40°C


Similar Part No. - 13625159

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
136259 RAACO-136259 Datasheet
8Mb / 148P
raaco Assortment Boxes
More results

Similar Description - 13625159

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC20K400 ALTERA-HC20K400 Datasheet
260Kb / 36P
HardCopy APEX Device Family
logo
Molex Electronics Ltd.
0343450001 MOLEX4-0343450001 Datasheet
180Kb / 2P
MLX 150 Cavity Plug Sealed
logo
California Eastern Labs
ZALM-301-1 CEL-ZALM-301-1 Datasheet
1Mb / 19P
APEX LT SERIES TRANSCEIVER MODULES
logo
Molex Electronics Ltd.
34345-0001 MOLEX11-34345-0001 Datasheet
36Kb / 1P
MLX 150 Cavity Plug Sealed
logo
M.S. Kennedy Corporatio...
MSK4206 MSK-MSK4206_15 Datasheet
506Kb / 8P
Replaces APEX SA01 PWM Amplifier
logo
Molex Electronics Ltd.
0343450001 MOLEX1-0343450001_18 Datasheet
29Kb / 1P
MX 150 Cavity Plug Sealed
logo
Taoglas antenna solutio...
TG.30.8111W TAOGLAS-TG.30.8111W_18 Datasheet
2Mb / 21P
APEX WHITE STRAIGHT TG.30
TG.30.8111 TAOGLAS-TG.30.8111_17 Datasheet
2Mb / 21P
APEX BLACK STRAIGHT TG.30
logo
Lapp.
0015003 LAPP-0015003 Datasheet
72Kb / 1P
OLFLEX® 150
01.01.2019
0015703 LAPP-0015703 Datasheet
73Kb / 1P
OLFLEX® 150 CY
01.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com