Electronic Components Datasheet Search
  English  ▼

X  

15340261 Datasheet(PDF) 1 Page - Aptiv

Part # 15340261
Description  SICMA HEADERS INTERCONNECT SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

15340261 Datasheet(HTML) 1 Page - Aptiv

  15340261 Datasheet HTML 1Page - Aptiv 15340261 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2021 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Visit
aptiv.com
SICMA HEADERS INTERCONNECT
SEALED SERIES
SICMA Full Interconnect Sealed 56W
Female & Pin Header
BENEFITS
• Market standard footprint interface-to-device
headers
• Sliding lever can be installed in right and left
position
FEATURES
• Wire-to-Electronic Printed Circuit Board (PCB)
solution for electronic control units
• Sealed connection from harness wiring to
electronic equipment
AVAILABLE CONFIGURATIONS
APPLICATIONS
Cavity Count (ways)
6
24
56
90
Number of Rows
1
3
2
3
Pitch Between Rows (mm)
-
5
6
6
Cavity Configurations (mm) 1.5, 2.8, Mixed
Material
PBT GF 30
Genders
Female, Pin Header
Sealing Type
Mat Sealed
Engine management with gas converter
Automatic gear box management
See back page for representative part numbers and packaging dimensions.
TEMPERATURE
SEALING
PROTECTION
+125°C
-40°C
IP68
IPX9K
VIBRATION
3 G
56, 90 Way
25 G
6, 24 Way


Similar Part No. - 15340261

ManufacturerPart #DatasheetDescription
logo
Aptiv
15340264 APTIV-15340264 Datasheet
1Mb / 2P
SICMA INLINE SEALED SERIES
15340264 APTIV-15340264 Datasheet
998Kb / 2P
SICMA SEALED RELAY SOCKETS
More results

Similar Description - 15340261

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
150-90-210-00-001 PREDIP-150-90-210-00-001 Datasheet
43Kb / 1P
Dual-in-line pin headers Open frame Interconnect
logo
Molex Electronics Ltd.
98438-1001 MOLEX-98438-1001 Datasheet
136Kb / 2P
NSCC/SICMA Female Wire-to-Board Housing
logo
Dubilier
DBCIDCB10S04AG1 DUBILIER-DBCIDCB10S04AG1 Datasheet
132Kb / 1P
FEMALE HEADERS FEMALE HEADERS STRAIGHT - 8.6mm PROFILE
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
logo
Molex Electronics Ltd.
46055 MOLEX-46055 Datasheet
169Kb / 2P
Mini-Fit H2O??Sealed Interconnect System
logo
PHOENIX CONTACT
1717025 PHOENIX-1717025 Datasheet
267Kb / 12P
PCB headers
logo
List of Unclassifed Man...
211CC2S2120 ETC-211CC2S2120 Datasheet
144Kb / 1P
SIcma 3 1.5x0.8 FEMALE TERMINAL
23/07/03
logo
EDAC, All Rights Reserv...
150-SERIES EDAC-150-SERIES Datasheet
195Kb / 1P
150 Series Box Headers
151-SERIES EDAC-151-SERIES Datasheet
189Kb / 1P
151 Series Pin Headers
153-SERIES EDAC-153-SERIES Datasheet
180Kb / 1P
153 Series Socket Headers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com