Electronic Components Datasheet Search
  English  ▼

X  

15514573 Datasheet(PDF) 1 Page - Aptiv

Part # 15514573
Description  OCS 1.5 SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

15514573 Datasheet(HTML) 1 Page - Aptiv

  15514573 Datasheet HTML 1Page - Aptiv 15514573 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2024 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling a more sustainable future of
mobility.
Visit
aptiv.com
OCS 1.5 SEALED SERIES
BENEFITS
• Compatibility with industry standard mating
interfaces
• Robust reliability and designed-in durability
• Enhanced connection system warranty
performance
FEATURES
• Housing lock overstress protection to prevent
lock relaxation or damage
• Polyester resins for enhanced audible click
for improved operator build feedback and
dimensional stability in all seasons
• Optimized Primary Lock Reinforcement (PLR) for
improved unseated terminal detection
• Cavity designed with positive forward stop to
prevent terminal push through
• Optimized optional Connector Position
Assurance (CPA) to provide additional lock
performance to ensure connectors stay mated
+125°C
-40°C
OCS 1.5 Sealed
Female
OCS 1.5 Sealed
Male
AVAILABLE CONFIGURATIONS
TEMPERATURE
VIBRATION
APPLICATIONS
SEALING
CLASS
Cavity count (ways)
2, 3, 4, 6, 8, 10, 12, 16
Genders
Female, Male
Indexes
4 USCAR standard, +2
Primary Lock
Reinforcement (PLR)
Yes
Connector Position
Assurance (CPA)
Optional
Inline applications
See back page for representative part numbers.
S3
V2


Similar Part No. - 15514573

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551451 PHOENIX-1551451 Datasheet
159Kb / 8P
Bus system flat-type plug
01/11/2017
1551459 PHOENIX-1551459 Datasheet
292Kb / 6P
HC-DCC06-HHFD-1TGESM32-PLBK - Housing
More results

Similar Description - 15514573

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
logo
Semtech Corporation
1N4460 SEMTECH-1N4460 Datasheet
42Kb / 3P
Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
logo
Switchcraft, Inc.
EN2POS20 SWITCH-EN2POS20 Datasheet
1Mb / 6P
EN2??SERIES SEALED CONNECTORS
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
logo
Tyco Electronics
38221 MACOM-38221 Datasheet
186Kb / 9P
AMP SUPERSEAL 1.5 SERIES
logo
Pentair plc. All rights...
2CB5-K PENTAIR-2CB5-K Datasheet
245Kb / 2P
DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
4CB5-K PENTAIR-4CB5-K Datasheet
263Kb / 2P
DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
logo
Banner Engineering Corp...
LED BANNER-LED Datasheet
355Kb / 5P
LED Series Sealed Backlights
logo
List of Unclassifed Man...
80094B47B3EF ETC-80094B47B3EF Datasheet
874Kb / 1P
TAXI ASM CONN 10 M OCS 1.5 SLD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com