Electronic Components Datasheet Search
  English  ▼

X  

MS5536 Datasheet(PDF) 2 Page - Intersema Sensoric SA

Part # MS5536
Description  SMD Gage Pressure MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5536 Datasheet(HTML) 2 Page - Intersema Sensoric SA

  MS5536 Datasheet HTML 1Page - Intersema Sensoric SA MS5536 Datasheet HTML 2Page - Intersema Sensoric SA MS5536 Datasheet HTML 3Page - Intersema Sensoric SA MS5536 Datasheet HTML 4Page - Intersema Sensoric SA MS5536 Datasheet HTML 5Page - Intersema Sensoric SA MS5536 Datasheet HTML 6Page - Intersema Sensoric SA MS5536 Datasheet HTML 7Page - Intersema Sensoric SA MS5536 Datasheet HTML 8Page - Intersema Sensoric SA MS5536 Datasheet HTML 9Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DA5536_009.doc
00005536589 ECN925
May 03, 2007
2
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top view
Bottom view
Fig. 2: Pin configuration of MS5536-PJU, MS5536-NJU
PIN DESCRIPTION
Pin Name
Pin
Type
Function
N/C
1
Not Connected
VDD
2
P
Positive Supply Voltage
MCLK
3
I
Master Clock (32.768kHz)
DIN
4
I
Data Input
DOUT
5
O
Data Output
SCLK
6
I
Serial Data Clock
GND
7
G
Ground
N/C
8
Not Connected
N/C
9
Not Connected
N/C
10
Not Connected
N/C
11
Not Connected
N/C
12
Not Connected
PV
13
N
Negative Programming Voltage
PEN
14
I
Programming Enable
NOTE
Pins 13 (PEN) and 14 (PV) are only used by the manufacturer for calibration purposes and should not be
connected.
PRESSURE UNIT CONVERSION
mbar
kPa
bar
mm Hg
PSI
atm
mm H2O
Inches H2O
400.0
40.00
0.4000
300.0
5.801
0.3947
4079
160.57
1000.0
100.00
1.0000
750.0
14.503
0.9869
10198
401.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com