Electronic Components Datasheet Search
  English  ▼

X  

15512489 Datasheet(PDF) 1 Page - Aptiv

Part # 15512489
Description  OCS 1.5 UNSEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

15512489 Datasheet(HTML) 1 Page - Aptiv

  15512489 Datasheet HTML 1Page - Aptiv 15512489 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2019 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Headquartered in Dublin, Aptiv has approximately
150,000 employees and operates 14 technical
centers, as well as manufacturing sites and
customer support centers in 45 countries.
Visit
aptiv.com
OCS 1.5 UNSEALED SERIES
BENEFITS
• Compatibility with industry standard mating
interfaces
• Robust reliability and designed-in durability
• Enhanced connection system warranty
performance
FEATURES
• Housing lock overstress protection to prevent
lock relaxation or damage
• Polyester resins for enhanced audible click
for improved operator build feedback and
dimensional stability in all seasons
• Optimized Primary Lock Reinforcement (PLR) for
improved unseated terminal detection
• Cavity designed with positive forward stop to
prevent terminal push through
• Optimized optional Connector Position
Assurance (CPA) to provide additional lock
performance to ensure connectors stay mated
OCS 1.5 Unsealed
Female
OCS 1.5 Unsealed
Male
+105°C
-40°C
AVAILABLE CONFIGURATIONS
TEMPERATURE
VIBRATION
APPLICATIONS
SEALING
CLASS
Cavity count (ways)
2, 3, 4, 6, 8, 10, 12, 16
Genders
Female, Male
Indexes
4 USCAR standard, +2
Primary Lock
Reinforcement (PLR)
Yes
Connector Position
Assurance (CPA)
Optional
Inline applications
See back page for representative part numbers.
S1
V1


Similar Part No. - 15512489

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
155124BS73200 WURTH-155124BS73200 Datasheet
2Mb / 9P
WL-SMSW SMD chip LED side view mono-color waterclear
155124BS73200A WURTH-155124BS73200A Datasheet
635Kb / 8P
WL-SMSW SMD Mono-color Side view Waterclear
155124GS73200 WURTH-155124GS73200 Datasheet
2Mb / 9P
WL-SMSW SMD chip LED side view mono-color waterclear
155124GS73200A WURTH-155124GS73200A Datasheet
635Kb / 8P
WL-SMSW SMD Mono-color Side view Waterclear
155124M172400 WURTH-155124M172400 Datasheet
1Mb / 9P
WL-SFSW SMT Full-color Side view Waterclear
001.001
More results

Similar Description - 15512489

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-33F DBLECTRO-JZC-33F Datasheet
356Kb / 3P
Sealed & Unsealed types available
logo
Tyco Electronics
38221 MACOM-38221 Datasheet
186Kb / 9P
AMP SUPERSEAL 1.5 SERIES
logo
Pentair plc. All rights...
2CB5-K PENTAIR-2CB5-K Datasheet
245Kb / 2P
DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
4CB5-K PENTAIR-4CB5-K Datasheet
263Kb / 2P
DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
logo
Banner Engineering Corp...
LEDRLB145XW6-XQ BANNER-LEDRLB145XW6-XQ Datasheet
192Kb / 3P
High-Power Unsealed Linear Backlights
logo
Grayhill, Inc
86JB2-101 GRAYHILL-86JB2-101 Datasheet
1Mb / 4P
Unsealed, .500" Centers, Flange Mounted
logo
Molex Electronics Ltd.
PS-560023-001 MOLEX-PS-560023-001 Datasheet
454Kb / 7P
CTX50 UNSEALED RECEPTACLE TERMINAL
2015 / 02 / 6
SD-560023-002 MOLEX-SD-560023-002 Datasheet
135Kb / 1P
CTX50 RECEPTACLE TERMINAL UNSEALED
09.05.20
SD-98816-005 MOLEX-SD-98816-005 Datasheet
638Kb / 2P
UCCA RCPT CONN UNSEALED 1.5 10CKT
Rev. E 2006/04/15
logo
List of Unclassifed Man...
80094B47B3EF ETC-80094B47B3EF Datasheet
874Kb / 1P
TAXI ASM CONN 10 M OCS 1.5 SLD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com