Electronic Components Datasheet Search
  English  ▼

X  

15544892 Datasheet(PDF) 1 Page - Aptiv

Part # 15544892
Description  HES CIRCULAR SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

15544892 Datasheet(HTML) 1 Page - Aptiv

  15544892 Datasheet HTML 1Page - Aptiv 15544892 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2019 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Headquartered in Dublin, Aptiv has approximately
150,000 employees and operates 14 technical
centers, as well as manufacturing sites and
customer support centers in 45 countries.
Visit
aptiv.com
HES CIRCULAR SERIES
HES 29W
Female
HES 29W
Male
BENEFITS
• Interchangeable industry mating interface
• Superior environmental protection
• Designed to outperform competition
FEATURES
• 3-rib seal design provides up to 30% higher
performance
• Specialized lock finger design to eliminate
terminal unseats
• Forward/backward compatibility
• HES terminals provide improved electrical
performance
• Validated to SAE J2030
AVAILABLE CONFIGURATIONS
Cavity Count (ways)
19, 21, 23, 29, 31, 47
Cavity Configurations (mm)
1.0, 1.6, 2.4
Materials
PBT, PA66
Genders
Female, Male
See back page for representative part numbers.
ENVIRONMENTAL PROTECTION
(IEC, ISO)
IPX7,
IPX7
IP6,
IP6K
IPX9,
IPX9K
Water
Immersion
Dust
Proof
High Pressure
Stream-Jet
TEMPERATURE
VIBRATION
12.4
20
Random
(Grms)
Sine
(G)
+125°C
-55°C
APPLICATIONS
Cab
Engine compartment
Chassis


Similar Part No. - 15544892

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1554487 PHOENIX-1554487 Datasheet
61Kb / 2P
SACB-8/16- 1,0PUR
More results

Similar Description - 15544892

ManufacturerPart #DatasheetDescription
logo
Power-One
DY570SE POWER-ONE-DY570SE Datasheet
1Mb / 3P
HES SERIES 150 WATT
logo
Hirose Electric
RPC1-12P-6S HIROSE-RPC1-12P-6S Datasheet
85Kb / 2P
RP SERIES CIRCULAR PLASTIC CONNECTORS
logo
List of Unclassifed Man...
HES3017 ETC-HES3017 Datasheet
48Kb / 4P
HES-3017 REMOTE CAR CONTROLLER RX
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
Circular Connectors
logo
Glenair, Inc.
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
Circular Threaded
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
Circular Breakaway
892-004 GLENAIR-892-004 Datasheet
544Kb / 2P
Circular Breakaway
893-008 GLENAIR-893-008 Datasheet
520Kb / 2P
Circular Breakaway
893-011 GLENAIR-893-011 Datasheet
1Mb / 3P
Circular Threaded
logo
TE Connectivity Ltd
1-1773922-5 TEC-1-1773922-5 Datasheet
3Mb / 54P
CIRCULAR BACKSHELLS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com