Electronic Components Datasheet Search
  English  ▼

X  

AD4084 Datasheet(PDF) 2 Page - Analog Devices

Part # AD4084
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084 Datasheet(HTML) 2 Page - Analog Devices

  AD4084 Datasheet HTML 1Page - Analog Devices AD4084 Datasheet HTML 2Page - Analog Devices AD4084 Datasheet HTML 3Page - Analog Devices AD4084 Datasheet HTML 4Page - Analog Devices AD4084 Datasheet HTML 5Page - Analog Devices AD4084 Datasheet HTML 6Page - Analog Devices AD4084 Datasheet HTML 7Page - Analog Devices AD4084 Datasheet HTML 8Page - Analog Devices AD4084 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
Data Sheet
AD4084
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 94
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Timing Specifications......................................... 6
Absolute Maximum Ratings...................................8
Thermal Resistance........................................... 8
Electrostatic Discharge (ESD) Ratings...............8
ESD Caution.......................................................8
Pin Configuration and Function Descriptions........ 9
Typical Performance Characteristics................... 12
Terminology......................................................... 17
Theory of Operation.............................................18
Product Overview............................................. 18
Converter Operation.........................................18
Transfer Function............................................. 19
Easy Drive Analog Inputs ................................ 19
Reference Buffer and Common-Mode Output..21
Power Supplies................................................ 21
Internally Regulated Supply Configuration....... 22
Externally Generated Supply Configuration..... 22
Power-On Reset (POR) Monitor.......................23
Power Supply Sequence..................................23
Power Saving Operating Modes.......................25
Software Reset.................................................26
Applications Information...................................... 28
Typical Applications Diagrams......................... 28
Analog Front End Design................................. 29
Reference Circuitry Design.............................. 30
Data Interface Clocking Solution...................... 30
Power Solution................................................. 31
Digital Interface....................................................32
Overview.......................................................... 32
SPI Configuration Interface.............................. 32
LVDS Data Interface.........................................44
SPI Data Interface............................................50
GPIO Pins........................................................ 51
Digital Features................................................... 53
Overview.......................................................... 53
Event Detection................................................53
Result FIFO...................................................... 55
Digital Filter...................................................... 63
System Error Correction Coefficients............... 70
Layout Guidelines................................................71
Configuration Registers....................................... 72
Register Details................................................ 74
Outline Dimensions............................................. 94
Ordering Guide.................................................94
Evaluation Boards............................................ 94
REVISION HISTORY
7/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com