Electronic Components Datasheet Search
  English  ▼

X  

SE5117CSG Datasheet(PDF) 4 Page - Estek Electronics Co. Ltd

Part # SE5117CSG
Description  Efficient linear voltage regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

SE5117CSG Datasheet(HTML) 4 Page - Estek Electronics Co. Ltd

  SE5117CSG Datasheet HTML 1Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 2Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 3Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 4Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 5Page - Estek Electronics Co. Ltd SE5117CSG Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Application Hints
Thermal Consideration
SE5117
Like any Low dropout regulator, SE5117 requires
external capacitors to ensure stability. The external
capacitors must be carefully selected to ensure the
performances.
Input Capacitor:
An Input Capacitor of at least 10uF is required.
Ceramic or Tantalum can be used. The value can
be increased without upper limit.
It is important that the thermal limit of the package
should not be exceeded. The SE5117 has built-in
thermal protection. When the thermal limit is
exceeded, the IC will enter protection, and the VOUT
will be reset to zero. The power dissipation for a
given application can be calculated as follows:
The Power Dissipation (PD) is
PD = IOUT * [VIN –VOUT]
Output Capacitor:
An Output Capacitor is required for look stability. It
must be located no more than 1cm away from the
VOUT pin, and connected directly between VOUT and
GND pins. The minimum value is 10uF but once
again its value can be increased without limit.
The thermal limit of the package is then limited to
PD(MAX) = [TJ –TA]/θJA where TJ is the junction
temperature, TA is ambient temperature, and θJA is
around 135°C/W for SE5117. SE5117 is designed
to enter thermal protection at 150°C. For example, if
TA is 25°C then the max PD is limited to about 1W. In
other words, if IOUT(MAX) = 1A, then [VIN –VOUT] can
not exceed 1V.
4
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com