Electronic Components Datasheet Search
  English  ▼

X  

BAV20WS Datasheet(PDF) 1 Page - Shunxin Technology Co., Ltd.

Part # BAV20WS
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

BAV20WS Datasheet(HTML) 1 Page - Shunxin Technology Co., Ltd.

  BAV20WS Datasheet HTML 1Page - Shunxin Technology Co., Ltd. BAV20WS Datasheet HTML 2Page - Shunxin Technology Co., Ltd. BAV20WS Datasheet HTML 3Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWITCHING DIODE
FEATURES
Low Reverse Current
Surface Mount Package Ideally Suited for Automatic Insertion
Fast Switching Speed
For General Purpose Switching Applications
MARKING
BAV19WS
BAV20WS
BAV21WS
A8
T2
T3
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Symbol
Parameter
Value
Unit
BAV19WS
BAV20WS BAV21WS
VRM
Non-Repetitive Peak Reverse Voltage
120
200
250
V
VRRM
Peak Repetitive Reverse Voltage
100
150
200
V
VRWM
Working Peak Reverse Voltage
VR(RMS)
RMS Reverse Voltage
71
106
141
V
IO
Average Rectified Output Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current @ t=8.3ms
2.0
A
IFRM
Repetitive Peak Forward Surge Current
625
mA
PD
Power Dissipation
250
mW
R。JA
Thermal Resistance from Junction to Ambient
500
℃
/W
TJ,Tstg
Operation Junction and Storage Temperature Range
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse current
IR
VR=100V
BAV19WS
0.1
uA
VR=150V
BAV20WS
0.1
VR=200V
BAV21WS
0.1
Forward voltage
VF
IF=100mA
1
V
IF=200mA
1.25
Total capacitance
Ctot
VR=0V,f=1MHz
5
pF
Reverse recovery time
trr
IF= IR =30mA, Irr=0.1*IR , RL=100Ω
50
ns
SOD-323
BAV19WS/BAV20WS/BAV21WS
1
www.sxsemi.com


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com