Electronic Components Datasheet Search
  English  ▼

X  

STTH5R06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH5R06-Y
Description  Automotive 600 V, 5 A ultrafast diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH5R06-Y Datasheet HTML 1Page - STMicroelectronics STTH5R06-Y Datasheet HTML 2Page - STMicroelectronics STTH5R06-Y Datasheet HTML 3Page - STMicroelectronics STTH5R06-Y Datasheet HTML 4Page - STMicroelectronics STTH5R06-Y Datasheet HTML 5Page - STMicroelectronics STTH5R06-Y Datasheet HTML 6Page - STMicroelectronics STTH5R06-Y Datasheet HTML 7Page - STMicroelectronics STTH5R06-Y Datasheet HTML 8Page - STMicroelectronics STTH5R06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NC
A
D²PAK
A
K
K
K
NC
A
DPAK
Features
•
AEC-Q101 qualified
•
Ultrafast switching
•
Low reverse recovery current
•
Reduces switching losses
•
Low thermal resistance
•
ECOPACK compliant
Applications
•
Switching diode
•
Free-wheeling diode
•
Automotive DC/DC converter
Description
This 5A, 600 V ultrafast diode is specially suited as a boost diode in continuous mode
power factor correction and hard switching conditions.
This STTH5R06-Y is also intended for use as a free wheeling diode in power
supplies and other power switching applications.
Product status links
STTH5R06-Y
Product summary
IF(AV)
5 A
VRRM
600 V
Tj(max.)
175 °C
VF(typ.)
1.5 V
Trr(max.)
35 ns
Automotive 600 V, 5 A ultrafast diode
STTH5R06-Y
Datasheet
DS6874 - Rev 2 - March 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH5R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH5R06-Y STMICROELECTRONICS-STTH5R06-Y Datasheet
142Kb / 9P
Low reverse recovery current
03-Nov-2011
More results

Similar Description - STTH5R06-Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
60 A, 600 V Ultrafast Diode
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
30 A, 600 V, Ultrafast ll Diode
Rev erse
logo
STMicroelectronics
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y_V01 Datasheet
300Kb / 13P
Automotive 600 V, 30 A low drop ultrafast diode
October 2020
logo
Vishay Siliconix
VS-VS5HD240CW60 VISHAY-VS-VS5HD240CW60 Datasheet
137Kb / 6P
FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 240 A
08-Feb-2022
VS-U5FH150FA60 VISHAY-VS-U5FH150FA60 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 150 A
19-May-2022
VS-U5FH60FA60 VISHAY-VS-U5FH60FA60 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 60 A
19-May-2022
VS-VS5HD600CW60 VISHAY-VS-VS5HD600CW60 Datasheet
136Kb / 6P
FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 600 A
08-Feb-2022
logo
STMicroelectronics
STTH60RQ06-M2Y STMICROELECTRONICS-STTH60RQ06-M2Y Datasheet
507Kb / 12P
Automotive 600 V, 60 A ultrafast bridge module
15-Sep-2020
logo
Vishay Siliconix
VS-VS5HD600CW60 VISHAY-VS-VS5HD600CW60_V01 Datasheet
136Kb / 6P
FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 600 A
08-Feb-2022
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com