Electronic Components Datasheet Search
  English  ▼

X  

0.5-2 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # 0.5-2
Description  RING TONGUE (R type) Non-insulated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

0.5-2 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  0.5-2 Datasheet HTML 1Page - JST Mfg. Co., Ltd. 0.5-2 Datasheet HTML 2Page - JST Mfg. Co., Ltd. 0.5-2 Datasheet HTML 3Page - JST Mfg. Co., Ltd. 0.5-2 Datasheet HTML 4Page - JST Mfg. Co., Ltd. 0.5-2 Datasheet HTML 5Page - JST Mfg. Co., Ltd. 0.5-2 Datasheet HTML 6Page - JST Mfg. Co., Ltd. 0.5-2 Datasheet HTML 7Page - JST Mfg. Co., Ltd. 0.5-2 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Certificate No.:
E42024
LR20812
2
øD
BL
F
E
T
ød2
ød1
American
1-2
3-4
5-6
8
10
1-2
3-4
3-4
3-4
3-4
5-6
5-6
5-6
5-6
8
8
8
10
10
10
1/4
5/16
3/8
3/8
1/2
1-2
3-4
3-4
3-4
3-4
5-6
5-6
5-6
5-6
5-6
8
8
8
8
10
10
10
1/4
5/16
Stud size
Part No.
Standard
Tool No.
Qty/box
Dimensions mm (in.)
Metric
JST
JIS
Applicable Wire
AWG#(mm2)
26 to 22
(0.2 to 0.5)
22 to 16
(0.25 to
1.65)
16 to 14
(1.04 to
2.63)
2
3
3.5
4
5
2
3
3
3
3
3.5
3.5
3.5
3.5
4
4
4
5
5
5
6
8
9
10
12
2
3
3
3
3
3.5
3.5
3.5
3.5
3.5
4
4
4
4
5
5
5
6
8
0.5-2
0.5-3
0.5-3.7
0.5-4
0.5-5
1.25-2
1.25-3
1.25-MS3
1.25-M3.3
1.25-L3
1.25-3.7
1.25-P3.5
1.25-M3
1.25-L3.7
1.25-M4
1.25-4
1.25-4NS
1.25-5
1.25-5NS
1.25-L5
1.25-6
1.25-8
1.25-9
1.25-10
1.25-12
2-S2
2-MS3
2-S3.3
2-M3.3
2-3
2-MS3.5
2-S3
2-M3
2-P3.5
2-3.7
2-M4
2-P4
2-4
2-4NS
2-M5
2-5NS
2-5
2-6
2-8
R1.25-3
R1.25-3.5
R1.25-4
R1.25-5
R2-3.5
R2-4
R2-5
R2-6
R2-8
2.2 (.087)
3.2 (.126)
3.7 (.146)
4.3 (.169)
5.3 (.209)
2.2 (.087)
3.2 (.126)
3.2 (.126)
3.2 (.126)
3.2 (.126)
3.7 (.146)
3.7 (.146)
3.7 (.146)
3.7 (.146)
4.3 (.169)
4.3 (.169)
4.3 (.169)
5.3 (.209)
5.3 (.209)
5.3 (.209)
6.4 (.252)
8.4 (.331)
9.8 (.386)
10.5 (.413)
13.0 (.512)
2.2 (.087)
3.2 (.126)
3.2 (.126)
3.2 (.126)
3.2 (.126)
3.7 (.146)
3.7 (.146)
3.7 (.146)
3.7 (.146)
3.7 (.146)
4.3 (.169)
4.3 (.169)
4.3 (.169)
4.3 (.169)
5.3 (.209)
5.3 (.209)
5.3 (.209)
6.4 (.252)
8.4 (.331)
5.2 (.205)
5.2 (.205)
6.6 (.260)
6.6 (.260)
8.0 (.315)
5.5 (.217)
5.5 (.217)
5.5 (.217)
6.6 (.260)
8.0 (.315)
5.5 (.217)
5.5 (.217)
6.6 (.260)
8.0 (.315)
6.6 (.260)
8.0 (.315)
9.0 (.354)
8.0 (.315)
9.0 (.354)
11.6 (.457)
11.6 (.457)
11.6 (.457)
13.6 (.535)
13.6 (.535)
19.0 (.748)
6.4 (.252)
5.5 (.217)
6.4 (.252)
6.6 (.260)
8.5 (.335)
5.5 (.217)
6.4 (.252)
6.6 (.260)
7.0 (.276)
8.5 (.335)
6.6 (.260)
7.0 (.276)
8.5 (.335)
9.0 (.354)
8.5 (.335)
9.0 (.354)
9.5 (.374)
12.0 (.472)
12.0 (.472)
12.4 (.488)
12.4 (.488)
15.0 (.591)
15.0 (.591)
15.0 (.591)
11.5 (.453)
11.5 (.453)
13.2 (.520)
14.4 (.567)
15.8 (.622)
11.5 (.453)
13.9 (.547)
14.4 (.567)
15.8 (.622)
14.4 (.567)
15.8 (.622)
20.4 (.803)
15.8 (.622)
20.4 (.803)
21.7 (.854)
21.7 (.854)
21.7 (.854)
25.5(1.004)
25.5(1.004)
31.0(1.220)
12.3 (.484)
13.2 (.520)
12.3 (.484)
14.4 (.567)
16.8 (.661)
13.9 (.547)
12.3 (.484)
14.4 (.567)
16.0 (.630)
16.8 (.661)
14.4 (.567)
16.0 (.630)
16.8 (.661)
20.3 (.799)
16.8 (.661)
20.3 (.799)
16.8 (.661)
21.8 (.858)
21.8 (.858)
5.8 (.228)
5.8 (.228)
7.7 (.303)
7.7 (.303)
7.0 (.276)
4.0 (.157)
4.0 (.157)
5.6 (.220)
6.3 (.248)
7.0 (.276)
4.0 (.157)
6.3 (.248)
6.3 (.248)
7.0 (.276)
6.3 (.248)
7.0 (.276)
11.1 (.437)
7.0 (.276)
11.1 (.437)
11.1 (.437)
11.1 (.437)
11.1 (.437)
13.9 (.547)
13.9 (.547)
16.7 (.657)
4.3 (.169)
5.6 (.220)
4.3 (.169)
6.3 (.248)
7.8 (.307)
6.3 (.248)
4.3 (.169)
6.3 (.248)
7.7 (.303)
7.8 (.307)
6.3 (.248)
7.7 (.303)
7.8 (.307)
11.0 (.433)
7.8 (.307)
11.0 (.433)
7.3 (.287)
11.0 (.433)
11.0 (.433)
4.0
(.157)
4.8
(.189)
4.8
(.189)
2.0
(.079)
3.4
(.134)
4.1
(.161)
1.0
(.039)
1.7
(.067)
2.3
(.091)
0.5
(.020)
YHT-2622
YA-1
YA-2
BCT-0514L
YHT-2210
YA-1
YA-2
YA-4
BCT-0514L
YHT-2210
YA-1
YA-2
YA-4
BCT-0514L
0.8
(.031)
1,000
1,000
500
1,000
0.8
(.031)
Note :1) Products with the JIS mark
conform to JIS C2805.
2) The part numbers indicated in the above table are for products with a brazed seam.
When ordering products with a nominal size of 0.5 to 5.5 with a butted seam, add the prefix "WS" to the part number (ex.2-4 –>WS2-4).
3) Delivery lead times may vary depending on the product. Contact JST for details.
Solderless terminals
RING TONGUE (R type) Non-insulated
Brazed seam
F
E
L
ød2
JQ0608019
JQID08002
JQMY14001
JIS C 2805


Similar Part No. - 0.5-2

ManufacturerPart #DatasheetDescription
logo
Pro-Power
0.50ORG PROPOWER-0.50ORG Datasheet
150Kb / 4P
Tri-Rated Wire
23/01/13 V1.1
logo
GAPTEC Electronic GmbH ...
0.5D14B GAPTEC-0.5D14B Datasheet
840Kb / 3P
0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5D14B_0303S3UP GAPTEC-0.5D14B_0303S3UP Datasheet
840Kb / 3P
0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5D14B_0305S3UP GAPTEC-0.5D14B_0305S3UP Datasheet
840Kb / 3P
0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.5D14B_0505D3UP GAPTEC-0.5D14B_0505D3UP Datasheet
840Kb / 3P
0.5W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results

Similar Description - 0.5-2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P22-2R PANDUIT-P22-2R Datasheet
80Kb / 1P
26-22 BARREL NON-INSULATED RING TONGUE
P18-4R PANDUIT-P18-4R Datasheet
60Kb / 1P
22-18 BARREL NON-INSULATED RING TONGUE
P14-4R PANDUIT-P14-4R Datasheet
60Kb / 1P
16-14 BARREL NON-INSULATED RING TONGUE
logo
List of Unclassifed Man...
8216 ETC2-8216 Datasheet
238Kb / 1P
INSULATED RING TONGUE TERMINAL
GS5-10 ETC2-GS5-10 Datasheet
43Kb / 3P
RING TONGUE TERMINAL Non-insulated DIN 46234
logo
PANDUIT CORP.
P22-4R-C PANDUIT-P22-4R-C Datasheet
80Kb / 1P
#26-22 BARREL NON-INSULATED RING TONGUE
P2-12R-X PANDUIT-P2-12R-X Datasheet
83Kb / 1P
2 BARREL NON- INSULATED RING TONGUE
P2-14R-T PANDUIT-P2-14R-T Datasheet
83Kb / 1P
2 BARREL NON-INSULATED RING TONGUE
P4-38R-T PANDUIT-P4-38R-T Datasheet
85Kb / 1P
4 BARREL NON-INSULATED RING TONGUE
logo
Keystone Electronics Co...
8212 KEYSTONE-8212 Datasheet
79Kb / 1P
INSULATED RING TONGUE TERMINAL
10.19.07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com