Electronic Components Datasheet Search
  English  ▼

X  

B04P-VL Datasheet(PDF) 5 Page - JST Mfg. Co., Ltd.

Part # B04P-VL
Description  6.2mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

B04P-VL Datasheet(HTML) 5 Page - JST Mfg. Co., Ltd.

  B04P-VL Datasheet HTML 1Page - JST Mfg. Co., Ltd. B04P-VL Datasheet HTML 2Page - JST Mfg. Co., Ltd. B04P-VL Datasheet HTML 3Page - JST Mfg. Co., Ltd. B04P-VL Datasheet HTML 4Page - JST Mfg. Co., Ltd. B04P-VL Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
3
2
1
6
5
4
L JST
2
1
4
3
L JST
3
2
1
2
1
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
1
2
1
2
3
L JST
1
2
3
4
1
2
3
4
L JST
3
2
1
6
5
4
L JST
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
11
12
(2 circuits)
(3 circuits)
(4 circuits)
(12 circuits)
(6 circuits)
(8 circuits)
(2 circuits)
(3 circuits)
(4 circuits)
(12 circuits)
(Single-row
4 circuits)
(6 circuits)
(8 circuits)
<Inner-housing lock>
<Outer-housing lock>
Contact position location numbers
VL CONNECTOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com