Electronic Components Datasheet Search
  English  ▼

X  

FVC-1.25 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # FVC-1.25
Description  BUTT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

FVC-1.25 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  FVC-1.25 Datasheet HTML 1Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
56
VC type/NC type
L
Wire-stop
L
FVC type/FNC type
Non-insulated
Vinyl or nylon insulated
Certificate No.:
E42024
LR20812
Part No.
Standard
Dimensions mm (in.)
Applicable Wire
AWG# (mm2)
L
Tool No.
YF-1, E-4
EP-1
Qty/box
22 to 16
16 to 14
12 to 10
8
6
4
2
1/0
2/0
3/0
4/0
250 to 300MCM
350MCM
400MCM
N.A.
600 to 650MCM
C-1.25
C-2
C-5.5
C-8
C-14
C-22
C-38
C-60
C-70
C-80
C-100
C-150
C-180
C-200
C-250
C-325
15.0 (.591)
15.0 (.591)
15.0 (.591)
21.0 (.827)
26.0(1.024)
29.0(1.142)
32.0(1.260)
36.0(1.417)
37.0(1.457)
38.0(1.496)
38.0(1.496)
54.0(2.126)
57.0(2.244)
63.0(2.480)
63.0(2.480)
72.0(2.835)
3.3 (.130)
4.1 (.161)
5.4 (.213)
7.0 (.276)
8.9 (.350)
11.3 (.445)
13.2 (.520)
15.3 (.602)
17.5 (.689)
19.5 (.768)
22.1 (.870)
26.4(1.039)
28.5(1.122)
32.4(1.276)
35.0(1.378)
37.0(1.457)
1.7 (.067)
2.3 (.091)
3.4 (.134)
4.5 (.177)
5.8 (.228)
7.7 (.303)
9.4 (.370)
11.4 (.449)
13.3 (.524)
14.5 (.571)
16.4 (.646)
19.5 (.768)
21.0 (.827)
24.0 (.945)
26.0(1.024)
28.0(1.102)
1,000
500
200
100
50
25
20
10
oo
oo
oo
oo
oo
o
o
o
oo
o
(0.25 to 1.65)
(1.04 to 2.63)
(2.63 to 6.64)
(6.64 to 10.52)
(10.52 to 16.78)
(16.78 to 26.66)
(26.66 to 42.42)
(42.42 to 60.57)
(60.57 to 76.28)
(76.28 to 96.3)
(96.3 to 117.2)
(117.2 to 152.05)
(152.05 to 192.6)
(192.6 to 242.27)
(250)
(242.27 to 325)
oo
o
o
o
o
o
o
o
ooo
oo
ooo
oo
ooo
oo
ooo
oo
o
o
o
o
o
oo
oo
o
o
oo
o
o
oo
o
o
oo
o
o
oo
oo
o
oo
Red
Blue
Yellow
Part No.
Vinyl
Standard
Dimensions mm (in.)
Applicable Wire
AWG# (mm2)
D
L
Tool No.
Color
Qty/box
12 to 10 (2.63 to 6.64)
VC-1.25
FVC-1.25
VC-2
FVC-2
VC-5.5
FVC-5.5
22.7 (.894)
22.7 (.894)
26.7(1.051)
15.0 (.591)
15.0 (.591)
15.0 (.591)
3.2 (.126)
4.0 (.157)
3.9 (.154)
4.5 (.177)
5.4 (.213)
6.8 (.268)
500
1,000
500
500
1,000
200
250
500
500
500
oo
oo
oo
oo
o
o
Nylon
Vinyl Nylon
22 to 16 *(0.25 to 1.65)
16 to 14 (1.04 to 2.63)
NC-1.25
FNC-1.25
NC-2
FNC-2
NC-5.5
FNC-5.5
Note :1) *The crimping will be more secure if the total cross-sectional area of the wire is at least 0.5 mm2.
Examples : If the cross-sectional area of the wire is 0.3mm2, fold the wire in two when crimping the terminal.
If the cross-sectional area of the wire is 0.5mm2, crimp the terminal onto the wire as it is.
2) Delivery lead times may vary depending on the product. Contact JST for details.
oo
oo
oo
oo
oo
o
o
o
o
o
o
o
Solderless splices
BUTT
L
Certificate No.:
E42024
LR20812
VC
FVC
NC
FNC
Vinyl
Nylon
Note :1) Delivery lead times may vary depending on the product. Contact JST for details.
ø D
ø d1
ø


Similar Part No. - FVC-1.25

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FVC BOURNS-FVC Datasheet
201Kb / 3P
Voltage Control Devices
FVC2300 BOURNS-FVC2300 Datasheet
201Kb / 3P
Voltage Control Devices
FVC2300 BOURNS-FVC2300 Datasheet
200Kb / 3P
FVC Series Voltage Control Devices
FVC3100 BOURNS-FVC3100 Datasheet
201Kb / 3P
Voltage Control Devices
FVC3100 BOURNS-FVC3100 Datasheet
200Kb / 3P
FVC Series Voltage Control Devices
More results

Similar Description - FVC-1.25

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
20100-1 RHOPOINT-20100-1 Datasheet
111Kb / 1P
Butt bonded thermocouples
logo
PANDUIT CORP.
A41182 PANDUIT-A41182 Datasheet
67Kb / 1P
NYLON INSULATED BUTT SPLICES
BS18 PANDUIT-BS18 Datasheet
79Kb / 1P
NON-INSULATED BUTT SPLICE
BS18 PANDUIT-BS18_07 Datasheet
47Kb / 1P
NON-INSULATED BUTT SPLICE
logo
Grayhill, Inc
39-101 GRAYHILL-39-101 Datasheet
78Kb / 1P
Butt Contact Pushbutton Switches
logo
Tyco Electronics
34228 MACOM-34228 Datasheet
56Kb / 1P
SPLICE, BUTT, STANDARD, BUDGET
logo
Grayhill, Inc
30-1UL GRAYHILL-30-1UL Datasheet
164Kb / 4P
Butt Contact Pushbutton Switches
30-1-E GRAYHILL-30-1-E Datasheet
164Kb / 4P
Butt Contact Pushbutton Switches
logo
Molex Electronics Ltd.
D-654X MOLEX-D-654X Datasheet
66Kb / 1P
BUTT CONNECTOR, SEAMLESS, INSULKRIMP
192150034_SD MOLEX-192150034_SD Datasheet
66Kb / 1P
VERSAKRIMP BUTT CONNECTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com