Electronic Components Datasheet Search
  English  ▼

X  

2-P4 Datasheet(PDF) 5 Page - JST Mfg. Co., Ltd.

Part # 2-P4
Description  RING TONGUE (R type) Non-insulated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

2-P4 Datasheet(HTML) 5 Page - JST Mfg. Co., Ltd.

  2-P4 Datasheet HTML 1Page - JST Mfg. Co., Ltd. 2-P4 Datasheet HTML 2Page - JST Mfg. Co., Ltd. 2-P4 Datasheet HTML 3Page - JST Mfg. Co., Ltd. 2-P4 Datasheet HTML 4Page - JST Mfg. Co., Ltd. 2-P4 Datasheet HTML 5Page - JST Mfg. Co., Ltd. 2-P4 Datasheet HTML 6Page - JST Mfg. Co., Ltd. 2-P4 Datasheet HTML 7Page - JST Mfg. Co., Ltd. 2-P4 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Note :1) Products with the JIS mark
conform to JIS C2805.
2) Part numbers containing "S0" do not have stud holes.
3) Delivery lead times may vary depending on the product. Contact JST for details.
6
Solderless terminals
RING TONGUE (R type) Non-insulated
ød2
FE
L
Brazed seam
øD
BL
F
E
T
ød2
ød1
American
10
10
1/4
1/4
5/16
5/16
5/16
3/8
3/8
3/8
3/8
3/8
7/16
1/2
1/2
5/8
11/16
3/4
–
1/4
1/4
5/16
5/16
3/8
3/8
3/8
7/16
1/2
1/2
5/8
11/16
3/4
7/8
1/4
5/16
3/8
3/8
7/16
1/2
1/2
5/8
11/16
3/4
7/8
Stud size
Part No.
Standard
Tool No.
Qty/box
Dimensions mm (in.)
Metric
JST
JIS
Applicable Wire
AWG#(mm2)
5
5
6
6
8
8
8
9
9
10
10
10
11
12
14
16
18
20
–
6
6
8
8
9
10
10
11
12
14
16
18
20
22
6
8
9
10
11
12
14
16
18
20
22
38-S5
38-5
38-S6
38-6
38-S8
38-8
38-L8
38-9
38-S9
38-S10
38-10
38-L10
38-11
38-12
38-14
38-16
38-18
38-20
60-S0
60-S6
60-6
60-S8
60-8
60-9
60-S10
60-10
60-11
60-12
60-14
60-16
60-18
60-20
60-22
70-6
70-8
70-9
70-10
70-11
70-12
70-14
70-16
70-18
70-20
70-22
R38-8
R38-10
R38-12
R38-14
R60-8
R60-10
R60-12
R60-14
5.3 (.209)
5.3 (.209)
6.4 (.252)
6.4 (.252)
8.4 (.331)
8.4 (.331)
8.4 (.331)
9.8 (.386)
9.8 (.386)
10.5 (.413)
10.5 (.413)
10.5 (.413)
11.5 (.453)
13.0 (.512)
15.0 (.591)
17.0 (.669)
19.0 (.748)
21.0 (.827)
–
6.4 (.252)
6.4 (.252)
8.4 (.331)
8.4 (.331)
9.8 (.386)
10.5 (.413)
10.5 (.413)
11.5 (.453)
13.0 (.512)
15.0 (.591)
17.0 (.669)
19.0 (.748)
21.0 (.827)
23.0 (.906)
6.4 (.252)
8.4 (.331)
9.8 (.386)
10.5 (.413)
11.5 (.453)
13.0 (.512)
15.0 (.591)
17.0 (.669)
19.0 (.748)
21.0 (.827)
23.0 (.906)
15.5 (.610)
22.0 (.866)
15.5 (.610)
22.0 (.866)
15.5 (.610)
22.0 (.866)
30.0(1.181)
22.0 (.866)
27.0(1.063)
15.5 (.610)
22.0 (.866)
30.0(1.181)
22.0 (.866)
22.0 (.866)
30.0(1.181)
30.0(1.181)
30.0(1.181)
30.0(1.181)
22.0 (.866)
16.0 (.630)
22.0 (.866)
16.0 (.630)
22.0 (.866)
22.0 (.866)
16.0 (.630)
22.0 (.866)
22.0 (.866)
22.0 (.866)
32.0(1.260)
32.0(1.260)
32.0(1.260)
32.0(1.260)
32.0(1.260)
24.0 (.945)
24.0 (.945)
24.0 (.945)
24.0 (.945)
24.0 (.945)
24.0 (.945)
32.0(1.260)
32.0(1.260)
32.0(1.260)
32.0(1.260)
32.0(1.260)
38.0(1.496)
42.7(1.681)
38.0(1.496)
42.7(1.681)
38.0(1.496)
42.7(1.681)
52.5(2.067)
42.7(1.681)
38.0(1.496)
38.0(1.496)
42.7(1.681)
52.5(2.067)
42.7(1.681)
42.7(1.681)
52.5(2.067)
52.5(2.067)
52.5(2.067)
52.5(2.067)
49.7(1.957)
46.7(1.839)
49.7(1.957)
46.7(1.839)
49.7(1.957)
49.7(1.957)
46.7(1.839)
49.7(1.957)
49.7(1.957)
49.7(1.957)
57.5(2.264)
57.5(2.264)
57.5(2.264)
57.5(2.264)
57.5(2.264)
51.0(2.008)
51.0(2.008)
51.0(2.008)
51.0(2.008)
51.0(2.008)
51.0(2.008)
61.0(2.402)
61.0(2.402)
61.0(2.402)
61.0(2.402)
61.0(2.402)
16.0 (.630)
17.7 (.697)
16.0 (.630)
17.7 (.697)
16.0 (.630)
17.7 (.697)
23.5 (.925)
17.7 (.697)
16.0 (.630)
16.0 (.630)
17.7 (.697)
23.5 (.925)
17.7 (.697)
17.7 (.697)
23.5 (.925)
23.5 (.925)
23.5 (.925)
23.5 (.925)
20.7 (.815)
20.7 (.815)
20.7 (.815)
20.7 (.815)
20.7 (.815)
20.7 (.815)
20.7 (.815)
20.7 (.815)
20.7 (.815)
20.7 (.815)
23.5 (.925)
23.5 (.925)
23.5 (.925)
23.5 (.925)
23.5 (.925)
20.0 (.787)
20.0 (.787)
20.0 (.787)
20.0 (.787)
20.0 (.787)
20.0 (.787)
26.0(1.024)
26.0(1.024)
26.0(1.024)
26.0(1.024)
26.0(1.024)
19.0
(.748)
17.5
(.689)
13.3
(.524)
2.0
(.079)
YPT-150-1
BCT-8150
YF-1 YET-150-1
E-4 YET-300-1
YET-300N
25
2/0
(60.57 to
76.28)
1/0
(42.42 to
60.57)
2
(26.66 to
42.42)
18.0
(.709)
15.5
(.610)
11.4
(.449)
2.0
(.079)
YA-5
YPT-60N
YPT-150-1
BCT-860L
BCT-8150
YF-1 YET-60-1
E-4 YET-150-1
YET-300-1
YET-300N
EP-1
YET-60-1
50
14.0
(.551)
13.3
(.524)
9.4
(.370)
1.8
(.071)
YA-5
YPT-60N
YPT-150-1
BCT-860L
BCT-8150
YF-1 YET-60-1
E-4 YET-150-1
EP-1
YET-60-1
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com