Electronic Components Datasheet Search
  English  ▼

X  

B02B-PASK Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # B02B-PASK
Description  FAMILY SERIES/PA•PAF•PAL CONNECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

B02B-PASK Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  B02B-PASK Datasheet HTML 1Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 2Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 3Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 4Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 5Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 6Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 7Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 8Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 9Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PA FAMILY SERIES /PA•PAF•PAL CONNECTOR
7.1
A
±0.05
1.5
±0.05
2
±0.05
φ1.1
+0.1
 0
7.2
7.1
PAF Receptacle
+
PA high box type header
PA Receptacle
(Retainer mountable type)
+
PA high box type header
PA Receptacle
(Standard type)
+
PA high box type header
φ0.7
+0.1
 0
High box type
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative: ±0.05mm for all centers.
3. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
3
+0.1
 0
φ1.1
+0.1
 0
φ0.7
±0.05
1.5
±0.05
2
±0.05
A
5.8
7.2
(5.8)
PA Receptacle
(Standard type)
+
PA Header
PA Receptacle
(Retainer mountable type)
+
PA Header
PAF Receptacle
+
PA Header
+0.1
 0
+0.1
 0
φ0.7
φ1.1
±0.05
1.5
±0.05
2
±0.05
A
8.2
13.8
8.2
(18.9)
8.2
(18.8)retainer included
PA Receptacle
(Standard type)
+
PA side entry type header
PA Receptacle
(Retainer mountable type)
+
PA side entry type header
PAF Receptacle
+
PA side entry type header
Through-hole type
Top entry type
Side entry type
+0.1
 0
φ0.7
(9.5)
(10.9)
(9.3)
PAF Receptacle
+
PA bottom type header
PA Receptacle
(Retainer mountable type)
+
PA bottom type header
PA Receptacle
(Standard type)
+
PA bottom type header
±0.05
2
±0.05
A
(5.8)
+0.1
 0
C
+0.1
 0
D
(5.8)
(7.2)
Bottom type
Note: C and D dimensions; Refer to the
header bottom type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com