Electronic Components Datasheet Search
  English  ▼

X  

TMP117AIDRVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP117AIDRVR
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117AIDRVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP117AIDRVR Datasheet HTML 18Page - Texas Instruments TMP117AIDRVR Datasheet HTML 19Page - Texas Instruments TMP117AIDRVR Datasheet HTML 20Page - Texas Instruments TMP117AIDRVR Datasheet HTML 21Page - Texas Instruments TMP117AIDRVR Datasheet HTML 22Page - Texas Instruments TMP117AIDRVR Datasheet HTML 23Page - Texas Instruments TMP117AIDRVR Datasheet HTML 24Page - Texas Instruments TMP117AIDRVR Datasheet HTML 25Page - Texas Instruments TMP117AIDRVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
high if the temperature is greater than T(HIGH), or low if the temperature is less than T(LOW). See Figure 7-11 for
details of this sequence.
If multiple devices on the bus respond to the SMBus ALERT command, arbitration during the slave address
portion of the SMBus ALERT command determines which device clears the alert status of that device. The
device with the lowest two-wire address wins the arbitration. If the TMP117 wins the arbitration, the TMP117
ALERT pin becomes inactive at the completion of the SMBus ALERT command. If the TMP117 loses the
arbitration, the TMP117 ALERT pin remains active.
7.5.3.1.6 General-Call Reset Function
The TMP117 responds to a two-wire, general-call address (0000 000) if the eighth bit is 0. The device
acknowledges the general-call address and responds to commands in the second byte. If the second byte
is 0000 0110, the TMP117 internal registers are reset to power-up values.
7.5.3.1.7 Timeout Function
The TMP117 resets the serial interface if the SCL line is held low by the master or the SDA line is held low by
the TMP117 for 35 ms (typical) between a START and STOP condition. The TMP117 releases the SDA line if the
SCL pin is pulled low and waits for a START condition from the host controller. To avoid activating the timeout
function, maintain a communication speed of at least 1 kHz for the SCL operating frequency.
7.5.3.1.8 Timing Diagrams
The TMP117 is two-wire, SMBus and I2C interface-compatible. Figure 7-9 to Figure 7-12 show the various
operations with the TMP117. Bus definitions are:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line from high to low when the SCL line is high defines a
START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from low to high when the SCL line is high defines a
STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge bit. A device
that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the
SDA line is stable low during the high period of the acknowledge clock pulse. The user must take setup and
hold times into account. On a master receive, the termination of the data transfer can be signaled by the master
generating a not-acknowledge (1) on the last byte transmitted by the slave.
S
A6
A5
A4
A3
A2
A1
A0
0
A
START
Slave Address
0
0
0
P3
P2
P1
P0
A
0
R/W
ACK from Slave
Register Pointer (N)
D14 D13 D12 D11 D10 D9
D8
A
D15
D6
D5
D4
D3
D2
D1
D0
A
D7
P
STOP
ACK from Slave
ACK from Slave
ACK from Slave
Data to Register N MSB
Data to Register N LSB
Must be 0
Slave controls SDA line
Master controls SDA line
Figure 7-9. Write Word Command Timing Diagram
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com