Electronic Components Datasheet Search
  English  ▼

X  

TMP117AIDRVT Datasheet(PDF) 48 Page - Texas Instruments

Part # TMP117AIDRVT
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117AIDRVT Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMP117AIDRVT Datasheet HTML 42Page - Texas Instruments TMP117AIDRVT Datasheet HTML 43Page - Texas Instruments TMP117AIDRVT Datasheet HTML 44Page - Texas Instruments TMP117AIDRVT Datasheet HTML 45Page - Texas Instruments TMP117AIDRVT Datasheet HTML 46Page - Texas Instruments TMP117AIDRVT Datasheet HTML 47Page - Texas Instruments TMP117AIDRVT Datasheet HTML 48Page - Texas Instruments TMP117AIDRVT Datasheet HTML 49Page - Texas Instruments TMP117AIDRVT Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TMP117AIDRVR
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TMP117AIDRVRG4
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TMP117AIYBGR
DSBGA
YBG
6
3000
180.0
8.4
1.04
1.58
0.59
2.0
8.0
Q1
TMP117MAIDRVR
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TMP117MAIYBGR
DSBGA
YBG
6
3000
180.0
8.4
1.04
1.58
0.59
2.0
8.0
Q1
TMP117NAIDRVR
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TMP117NAIYBGR
DSBGA
YBG
6
3000
180.0
8.4
1.04
1.58
0.59
2.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com