Electronic Components Datasheet Search
  English  ▼

X  

TMP117AIYBGR Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP117AIYBGR
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117AIYBGR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP117AIYBGR Datasheet HTML 17Page - Texas Instruments TMP117AIYBGR Datasheet HTML 18Page - Texas Instruments TMP117AIYBGR Datasheet HTML 19Page - Texas Instruments TMP117AIYBGR Datasheet HTML 20Page - Texas Instruments TMP117AIYBGR Datasheet HTML 21Page - Texas Instruments TMP117AIYBGR Datasheet HTML 22Page - Texas Instruments TMP117AIYBGR Datasheet HTML 23Page - Texas Instruments TMP117AIYBGR Datasheet HTML 24Page - Texas Instruments TMP117AIYBGR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
7.5.3.1.2 Serial Bus Address
To communicate with the TMP117, the master must first address slave devices through an address byte. The
address byte has seven address bits and a read-write (R/W) bit that indicates the intent of executing a read or
write operation.
The TMP117 features an address pin to allow up to four devices to be addressed on a single bus. Table 7-2
describes the pin logic levels used to properly connect up to four devices. x represents the read-write (R/ W) bit.
Table 7-2. Address Pin and Slave Addresses
DEVICE TWO-WIRE ADDRESS
ADD0 PIN CONNECTION
1001000x
Ground
1001001x
V+
1001010x
SDA
1001011x
SCL
7.5.3.1.3 Writing and Reading Operation
The user can write a register address to the pointer register to access a particular register on the TMP117. The
value for the pointer register is the first byte transferred after the slave address byte with the R/ W bit low. Every
write operation to the TMP117 requires a value for the pointer register.
When reading from the TMP117, the last value stored in the pointer register by a write operation is used to
determine which register is read during a read operation. To change the register pointer for a read operation,
a new value must be written to the pointer register. The user can issue an address byte with the R/ W bit low,
followed by the pointer register byte to write a new value for the pointer register. No additional data is required.
The master can then generate a START condition and send the slave address byte with the R/ W bit high to
initiate the read command. See Figure 7-10 for details of this sequence. If repeated reads from the same register
are desired, it is not necessary to send the pointer register bytes continuously because the TMP117 retains the
pointer register value until the value is changed by the next write operation.
Register bytes are sent with the most significant byte first, followed by the least significant byte.
7.5.3.1.4 Slave Mode Operations
The TMP117 can operate as a slave receiver or slave transmitter. As a slave device, the TMP117 never drives
the SCL line.
7.5.3.1.4.1 Slave Receiver Mode
The first byte transmitted by the master is the slave address with the R/W bit low. The TMP117 then
acknowledges reception of a valid address. The next byte transmitted by the master is the pointer register. The
TMP117 then acknowledges reception of the pointer register byte. The next byte(s) are written to the register
addressed by the pointer register. The TMP117 acknowledges reception of each data byte. The master can
terminate data transfer by generating a START or STOP condition.
7.5.3.1.4.2 Slave Transmitter Mode
The first byte transmitted by the master is the slave address with the R/W bit high. The slave acknowledges
reception of a valid slave address. The next byte is transmitted by the slave and is the most significant byte
of the register indicated by the pointer register. The master acknowledges reception of the data byte. The next
byte transmitted by the slave is the least significant byte. The master acknowledges reception of the data byte.
The master can terminate data transfer by generating a not-acknowledge on reception of any data byte or by
generating a START or STOP condition.
7.5.3.1.5 SMBus Alert Function
The TMP117 supports the SMBus alert function. When the ALERT pin is connected to an SMBus alert signal
and a master senses that an alert condition is present, the master can send out an SMBus ALERT command
(0001 1001) to the bus. If the ALERT pin is active, the device acknowledges the SMBus ALERT command
and responds by returning the slave address on the SDA line. The eighth bit (LSB) of the slave address byte
indicates if the alert condition is caused by the temperature exceeding T(HIGH) or falling below T(LOW). The LSB is
www.ti.com
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com