Electronic Components Datasheet Search
  English  ▼

X  

TMP117MAIDRVR Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP117MAIDRVR
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117MAIDRVR Datasheet(HTML) 1 Page - Texas Instruments

  TMP117MAIDRVR Datasheet HTML 1Page - Texas Instruments TMP117MAIDRVR Datasheet HTML 2Page - Texas Instruments TMP117MAIDRVR Datasheet HTML 3Page - Texas Instruments TMP117MAIDRVR Datasheet HTML 4Page - Texas Instruments TMP117MAIDRVR Datasheet HTML 5Page - Texas Instruments TMP117MAIDRVR Datasheet HTML 6Page - Texas Instruments TMP117MAIDRVR Datasheet HTML 7Page - Texas Instruments TMP117MAIDRVR Datasheet HTML 8Page - Texas Instruments TMP117MAIDRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor
With SMBus™- and I2C-Compatible Interface
1 Features
• TMP117 high-accuracy temperature sensor
– ±0.1 °C (maximum) from –20 °C to 50 °C
– ±0.15 °C (maximum) from –40 °C to 70 °C
– ±0.2 °C (maximum) from –40 °C to 100 °C
– ±0.25 °C (maximum) from –55 °C to 125 °C
– ±0.3 °C (maximum) from –55 °C to 150 °C
• Operating temperature range: –55 °C to 150 °C
• Low power consumption:
– 3.5-μA, 1-Hz conversion cycle
– 150-nA shutdown current
• Supply range:
– 1.7 V to 5.5 V from –55 °C to 70 °C
– 1.8 V to 5.5 V from –55 °C to 150 °C
• 16-bit resolution: 0.0078°C (1 LSB)
• Programmable temperature alert limits
• Selectable averaging
• Digital offset for system correction
• General-purpose EEPROM: 48 bits
• NIST traceability
• SMBus™, I2C interface compatibility
• Medical grade: meets ASTM E1112 and ISO
80601-2-56
• RTDs replacement: PT100, PT500, PT1000
2 Applications
• Electronic thermometers
• Wireless environmental sensors
• Thermostats
• Automotive test equipment
• Wearable fitness and activity monitors
• Cold chain asset tracking
• Gas meters and heat meters
• Temperature transmitters
3 Description
The TMP117 is a high-precision digital temperature
sensor. It is designed to meet ASTM E1112
and ISO 80601 requirements for electronic patient
thermometers. The TMP117 provides a 16-bit
temperature result with a resolution of 0.0078 °C
and an accuracy of up to ±0.1 °C across the
temperature range of –20 °C to 50 °C with no
calibration. The TMP117 has in interface that is
I2C- and SMBus™-compatible, programmable alert
functionality, and the device can support up to four
devices on a single bus. Integrated EEPROM is
included for device programming with an additional
48-bits memory available for general use.
The low power consumption of the TMP117 minimizes
the impact of self-heating on measurement accuracy.
The TMP117 operates from 1.7 V to 5.5 V and
typically consumes 3.5 μA.
For non-medical applications, the TMP117 can serve
as a single chip digital alternative to a Platinum RTD.
The TMP117 has an accuracy comparable to a Class
AA RTD, while only using a fraction of the power
of the power typically needed for a PT100 RTD.
The TMP117 simplifies the design effort by removing
many of the complexities of RTDs such as precision
references, matched traces, complicated algorithms,
and calibration.
The TMP117 units are 100% tested on a production
setup that is NIST traceable and verified with
equipment that is calibrated to ISO/IEC 17025
accredited standards.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP117
WSON (6)
2.00 mm × 2.00 mm
DSBGA (6)
1.53 mm × 1.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Temperature (qC)
-55
-30
-5
20
45
70
95
120
145
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Accu
WCSP Average
TMP117 Min/Max
Class AA RTD
YBG Temperature Accuracy
Temperature (qC)
-55
-30
-5
20
45
70
95
120
145
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Accu
Average
TMP117 Min/Max
Class AA RTD
DRV Temperature Accuracy
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP117MAIDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP117MAIDRVR TI1-TMP117MAIDRVR Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117MAIDRVR TI1-TMP117MAIDRVR Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117MAIDRVR TI1-TMP117MAIDRVR Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results

Similar Description - TMP117MAIDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com