Electronic Components Datasheet Search
  English  ▼

X  

TMP122 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP122
Description  1.5°C Accurate Programmable Digital Temperature Sensors with SPI™ Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP122 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP122 Datasheet HTML 2Page - Texas Instruments TMP122 Datasheet HTML 3Page - Texas Instruments TMP122 Datasheet HTML 4Page - Texas Instruments TMP122 Datasheet HTML 5Page - Texas Instruments TMP122 Datasheet HTML 6Page - Texas Instruments TMP122 Datasheet HTML 7Page - Texas Instruments TMP122 Datasheet HTML 8Page - Texas Instruments TMP122 Datasheet HTML 9Page - Texas Instruments TMP122 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TMP122, TMP124
6
SBOS272B
www.ti.com
FIGURE 3. READ followed by WRITE COMMAND to TLOW/THIGH Register.
SO/I
SCK
SCK
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
NOTE: (1) 0 indicates T
LOW register, 1 indicates THIGH register.
CS
0
0/1(1)
1
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
SO/I
16-Bit
READ
(Continued)
...
16-Bit
WRITE/
Embedded
Address
CS
...
SO/I
CS
SCK
SCK
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
CS
0
1
0
TM0
TM1
POL
F0
F1
R0
R1
D0
D1
0
0
0
0
SO/I
16-Bit
READ
16-Bit
WRITE/
Embedded
Address
CS
...
(Continued)
...
SO/I
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
CS
0
0
0
P0
P1
0
0
0
0
0
0
0
0
0
0
1
SO/I
16-Bit
READ
16-Bit
READ
COMMAND
16-Bit
Response
CS
...
(Continued)
...
...
(Continued)
...
SCK
SCK
SCK
SO/I
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
16-Bit
READ
CS
SCK
FIGURE 4. READ followed by WRITE COMMAND to Configuration Register.
FIGURE 5. READ followed by READ COMMAND and Response.
FIGURE 6. Data READ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com