Electronic Components Datasheet Search
  English  ▼

X  

TMP512AIRSAT Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP512AIRSAT
Description  Temperature and Power Supply System Monitors
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512AIRSAT Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP512AIRSAT Datasheet HTML 35Page - Texas Instruments TMP512AIRSAT Datasheet HTML 36Page - Texas Instruments TMP512AIRSAT Datasheet HTML 37Page - Texas Instruments TMP512AIRSAT Datasheet HTML 38Page - Texas Instruments TMP512AIRSAT Datasheet HTML 39Page - Texas Instruments TMP512AIRSAT Datasheet HTML 40Page - Texas Instruments TMP512AIRSAT Datasheet HTML 41Page - Texas Instruments TMP512AIRSAT Datasheet HTML 42Page - Texas Instruments TMP512AIRSAT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
SMBus Alert Register
—Mask and Alert Control Functions 03h (Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SHPM
SHNM
BVPM
BVNM
PWRM
LCLM
R1M
R2M
R3M
CVRM
CRTM
PVLM
FC1
FC0
POL
LATCH
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
Bits D4
–D15 of the SMBus Alert Register mask correspond to bits D4 to D15 of the Status Register to prevent
them from initiating an SMBus Alert. It does not prevent the Status Register bit from setting. Writing a '0' to an
SMBus Alert Mask bit masks it from activating the SMBus Alert. All default values are '0'.
Bit Descriptions
SHPM:
Shunt Positive Over-Voltage Mask
Bit 15
0: SHP flag in Status Register cannot activate Alert pin.
1: SHP flag (when set to '1') in Status Register activates Alert pin.
SHNM:
Shunt Negative Under-Voltage Mask
Bit 14
0: SHN flag in Status Register cannot activate Alert pin.
1: SHN flag (when set to '1') in Status Register activates Alert pin.
BVPM:
Bus Voltage Positive Over-Voltage Mask
Bit 13
0: BVP flag in Status Register cannot activate Alert pin.
1: BVP flag (when set to '1') in Status Register activates Alert pin.
BVNM:
Bus Voltage Negative Under-Voltage Mask
Bit 12
0: BVN flag in Status Register cannot activate Alert pin.
1: BVN flag (when set to '1') in Status Register activates Alert pin.
PWRM:
Power Over-Limit Mask
Bit 11
0: PWR flag in Status Register cannot activate Alert pin.
1: PWR flag (when set to '1') in Status Register activates Alert pin.
LCLM:
Local Temperature Over-Limit Mask
Bit 10
0: LCL flag in Status Register cannot activate Alert pin.
1: LCL flag (when set to '1') in Status Register activates Alert pin.
R1M:
Remote Temperature1 Over-Limit Mask
Bit 9
0: RM1 flag in Status Register cannot activate Alert pin.
1: RM1 flag (when set to '1') in Status Register activates Alert pin.
R2M:
Remote Temperature2 Over-Limit Mask
Bit 8
0: RM2 flag in Status Register cannot activate Alert pin.
1: RM2 flag (when set to '1') in Status Register activates Alert pin.
R3M:
Remote Temperature3 Over-Limit Mask (TMP513 only)
Bit 7
0: RM3 flag in Status Register cannot activate Alert pin.
1: RM3 flag (when set to '1') in Status Register activates Alert pin.
CVRM:
Conversion Ready Mask
Bit 6
0: CVR flag in Status Register cannot activate Alert pin.
1: CVR flag (when set to '1') in Status Register activates Alert pin.
CRTM:
Conversion Ready Temperature Mask
Bit 5
0: CRT flag in Status Register cannot activate Alert pin.
1: CRT flag (when set to '1') in Status Register activates Alert pin.
PVLM:
Power Valid Limit Mask
Bit 4
0: PVLD flag in Status Register cannot activate Alert pin.
1: PVLD flag (when set to '1') in Status Register activates Alert pin.
Copyright
© 2010–2011, Texas Instruments Incorporated
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com