| Electronic Components Datasheet Search |
|
TMS320VC33 Datasheet(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 Datasheet(HTML) 55 Page - Texas Instruments |
|
55 / 59 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 1-Nov-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TMS320VC33PGE120 Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM 0 to 0 TMS320VC33PGE TMS320VC33PGE120.A Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM -40 to 100 TMS320VC33PGE TMS320VC33PGE120G4 Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM 0 to 0 TMS320VC33PGE TMS320VC33PGE120G4.A Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM -40 to 100 TMS320VC33PGE TMS320VC33PGE120G4.B Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) - Call TI Call TI -40 to 100 TMS320VC33PGE150 Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM 0 to 0 TMS320VC33PGE -150 TMS320VC33PGE150.A Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM -40 to 100 TMS320VC33PGE -150 TMS320VC33PGE150G4 Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM -40 to 100 TMS320VC33PGE -150 TMS320VC33PGE150G4.A Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM -40 to 100 TMS320VC33PGE -150 TMS320VC33PGEA120 Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM 0 to 0 TMS320VC33PGE A120 TMS320VC33PGEA120.A Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) Yes NIPDAU Level-1-260C-UNLIM -40 to 100 TMS320VC33PGE A120 TMS320VC33PGEA120.B Active Production LQFP (PGE) | 144 60 | JEDEC TRAY (5+1) - Call TI Call TI -40 to 100 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |