Electronic Components Datasheet Search
  English  ▼

X  

TMUX1101DBVR Datasheet(PDF) 14 Page - Texas Instruments

Part # TMUX1101DBVR
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1101DBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMUX1101DBVR Datasheet HTML 10Page - Texas Instruments TMUX1101DBVR Datasheet HTML 11Page - Texas Instruments TMUX1101DBVR Datasheet HTML 12Page - Texas Instruments TMUX1101DBVR Datasheet HTML 13Page - Texas Instruments TMUX1101DBVR Datasheet HTML 14Page - Texas Instruments TMUX1101DBVR Datasheet HTML 15Page - Texas Instruments TMUX1101DBVR Datasheet HTML 16Page - Texas Instruments TMUX1101DBVR Datasheet HTML 17Page - Texas Instruments TMUX1101DBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
7.3 On-Leakage Current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON).
Drain on-leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is
on. This current is denoted by the symbol ID(ON).
Either the source pin or drain pin is left floating during the measurement. Figure 7-3 shows the circuit used for
measuring the on-leakage current, denoted by IS(ON) or ID(ON).
VDD
VDD
S1
GND
D1
VD
ID (ON)
N.C.
A
VDD
VDD
D1
GND
S1
VS
IS (ON)
N.C.
A
Figure 7-3. On-Leakage Measurement Setup
7.4 Transition Time
Transition time is defined as the time taken by the output of the device to rise or fall 10% after the address signal
has risen or fallen past the logic threshold. The 10% transition measurement is utilized to provide the timing of
the device. System level timing can then account for the time constant added from the load resistance and load
capacitance. Figure 7-4 shows the setup used to measure transition time, denoted by the symbol tTRANSITION.
VIH
VIL
tTRANSITION
10%
90%
OUTPUT
0 V
ADDRESS
DRIVE
(VSEL)
VDD
tTRANSITION
VSEL
0 V
tr < 5ns
tf < 5ns
GND
VS
OUTPUT
RL
CL
S
D
SEL
VDD
VDD
0.1 F
Figure 7-4. Transition-Time Measurement Setup
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com