Electronic Components Datasheet Search
  English  ▼

X  

TMUX1112 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX1112
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1112 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX1112 Datasheet HTML 2Page - Texas Instruments TMUX1112 Datasheet HTML 3Page - Texas Instruments TMUX1112 Datasheet HTML 4Page - Texas Instruments TMUX1112 Datasheet HTML 5Page - Texas Instruments TMUX1112 Datasheet HTML 6Page - Texas Instruments TMUX1112 Datasheet HTML 7Page - Texas Instruments TMUX1112 Datasheet HTML 8Page - Texas Instruments TMUX1112 Datasheet HTML 9Page - Texas Instruments TMUX1112 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6.5 Electrical Characteristics (VDD = 5V ±10 %)
at TA = 25°C, VDD = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0V to VDD
ISD = 10mA
Refer to On-resistance
25°C
2
4
Ω
–40°C to +85°C
4.5
Ω
–40°C to +125°C
4.9
Ω
ΔRON
On-resistance matching between
channels
VS = 0V to VDD
ISD = 10mA
Refer to On-resistance
25°C
0.13
Ω
–40°C to +85°C
0.4
Ω
–40°C to +125°C
0.5
Ω
RON
FLAT
On-resistance flatness
VS = 0V to VDD
ISD = 10mA
Refer to On-resistance
25°C
0.85
Ω
–40°C to +85°C
1.6
Ω
–40°C to +125°C
1.6
Ω
IS(OFF)
Source off leakage current(1)
VDD = 5V
Switch Off
VD = 4.5V / 1.5V
VS = 1.5V / 4.5V
Refer to Off-leakage current
25°C
–0.08 ±0.005
0.08
nA
–40°C to +85°C
–0.3
0.3
nA
–40°C to +125°C
–0.9
0.9
nA
ID(OFF)
Drain off leakage current(1)
VDD = 5V
Switch Off
VD = 4.5V / 1.5V
VS = 1.5V / 4.5V
Refer to Off-leakage current
25°C
–0.08 ±0.005
0.08
nA
–40°C to +85°C
–0.3
0.3
nA
–40°C to +125°C
–0.9
0.9
nA
ID(ON)
IS(ON)
Channel on leakage current
VDD = 5V
Switch On
VD = VS = 2.5V
Refer to On-leakage current
25°C
–0.025 ±0.003
0.025
nA
–40°C to +85°C
–0.2
0.2
nA
–40°C to +125°C
–0.95
0.95
nA
ID(ON)
IS(ON)
Channel on leakage current
VDD = 5V
Switch On
VD = VS = 4.5V / 1.5V
Refer to On-leakage current
25°C
–0.1
±0.01
0.1
nA
–40°C to +85°C
–0.35
0.35
nA
–40°C to +125°C
–2
2
nA
LOGIC INPUTS (SELx)
VIH
Input logic high
–40°C to +125°C
1.49
5.5
V
VIL
Input logic low
–40°C to +125°C
0
0.87
V
IIH
IIL
Input leakage current
25°C
±0.005
µA
IIH
IIL
Input leakage current
–40°C to +125°C
±0.06
µA
CIN
Logic input capacitance
25°C
1
pF
CIN
Logic input capacitance
–40°C to +125°C
2
pF
POWER SUPPLY
IDD
VDD supply current
Logic inputs = 0V or 5.5V
25°C
0.008
µA
–40°C to +125°C
1
µA
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com