Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509APGE Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320VC5509APGE
Description  TMS320VC5509A Fixed-Point Digital Signal Processor
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC5509APGE Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320VC5509APGE Datasheet HTML 72Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 73Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 74Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 75Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 76Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 77Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 78Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 79Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 150 page
background image
Functional Overview
76
November 2002 − Revised January 2008
SPRS205K
3.11.2
Interrupt Timing
The external interrupts (INT[4:0]) are synchronized to the CPU by way of a two-flip-flop synchronizer. The
interrupt inputs are sampled on falling edges of the CPU clock. A sequence of 1-1-0-0-0 on consecutive cycles
on the interrupt pin is required for an interrupt to be detected. Therefore, the minimum low pulse duration on
the external interrupts on the 5509A is three CPU clock periods.
3.11.3
Waking Up From IDLE Condition
One of the following four events can wake up the CPU from IDLE:
•
Hardware Reset
•
External Interrupt
•
RTC Interrupt
•
USB Event (Reset or Resume)
3.11.3.1
Waking Up From IDLE With Oscillator Disabled
With an external interrupt, a RTC interrupt, or an USB resume/reset, the clock generation circuit wakes up the
oscillator and enables the USB PLL to determine the oscillator stable time. In the case of the interrupt being
disabled by clearing the associated bit in the Interrupt Enable Register (IERx), the CPU is not “woken up”. If
the interrupt due to the wake-up event is enabled, the interrupt is sent to the CPU only after the oscillator is
stabilized and the USB PLL is locked. If the external interrupt serves as the wake-up event, the interrupt line
must stay low for a minimum of 3 CPU cycles after the oscillator is stabilized to wake up the CPU. Otherwise,
only the clock domain will wake up and another external interrupt will be needed to wake up the CPU.
Once out of IDLE, any system not using the USB should put the USB module in idle mode to reduce power
consumption.
For more details on the TMS320VC5509A oscillator-disable process, see the Disabling the Internal Oscillator
on the TMS320VC5507/5509/5509A DSP Application Report (literature number SPRA078).
3.11.4
Idling Clock Domain When External Parallel Bus Operating in EHPI Mode
The clock domain cannot be idled when the External Parallel Bus is operating in EHPI mode to ensure host
access to the DSP memory. To work around this restriction, use the HIDL bit of the External Bus Selection
Register (EBSR) with the CLKGENI bit of the Idle Control Register (ICR) to idle the clock domain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com