Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111PWR Datasheet(PDF) 40 Page - Texas Instruments

Part # TMUX1111PWR
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111PWR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMUX1111PWR Datasheet HTML 36Page - Texas Instruments TMUX1111PWR Datasheet HTML 37Page - Texas Instruments TMUX1111PWR Datasheet HTML 38Page - Texas Instruments TMUX1111PWR Datasheet HTML 39Page - Texas Instruments TMUX1111PWR Datasheet HTML 40Page - Texas Instruments TMUX1111PWR Datasheet HTML 41Page - Texas Instruments TMUX1111PWR Datasheet HTML 42Page - Texas Instruments TMUX1111PWR Datasheet HTML 43Page - Texas Instruments TMUX1111PWR Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
15X (0.6)
16X (0.2)
12X (0.4)
(1.6)
(2.4)
(R0.05) TYP
(0.7)
UQFN - 0.55 mm max height
RSV0016A
ULTRA THIN QUAD FLATPACK - NO LEAD
4220314/C 02/2020
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 25X
SYMM
℄
SYMM
℄
1
4
5
8
9
12
13
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com