Electronic Components Datasheet Search
  English  ▼

X  

ATR0402 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # ATR0402
Description  THICK FILM CHIP RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

ATR0402 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  ATR0402 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD ATR0402 Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD ATR0402 Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
70
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Type
Dimensions
LW
H
L1
L2
Rated
Max.
Max.
T.C.R.
Resistance Range
1
Ω
Jumper
Jumper
Type
Power at
Working Overload
(ppm/
˚C)
D(
±0.5%)
F(
±1%)
G(
±2%)
J(
±5%)
Rated
Resistance
70
˚C
Voltage
Voltage
E-96
E-96
E-24
E-24
Current
Value
THICK FILM CHIP RESISTORS
■CONSTRUCTION
■DIMENSIONS
47E
563
2873
Overcoating
Alumina
substrate
Electrode
Plating(Ni+Sn)
RuO2 Type Resistor
2873
L
L2
H
L2
L1
L1
W
ATR 0402
1.00
± 0.10
0.50
± 0.05
0.30
± 0.05
0.20
± 0.10
0.25
± 0.10
ATR 0603
1.55
± 0.10
0.80
±
0.45
± 0.10
0.30
± 0.15
0.30
± 0.15
ATR 0805
2.00
± 0.10
1.25
± 0.10
0.50
± 0.10
0.35
± 0.20
0.35
± 0.15
ATR 1206
3.05
± 0.10
1.55
± 0.10
0.55
±
0.45
± 0.20
0.35
± 0.15
ATR 1210
3.05
± 0.10
2.55
± 0.10
0.55
± 0.10
0.50
± 0.20
0.50
± 0.20
ATR 2010
5.00
± 0.20
2.50
± 0.20
0.55
± 0.10
0.60
± 0.20
0.60
± 0.20
ATR 2512
6.30
± 0.20
3.20
± 0.20
0.55
± 0.10
0.60
± 0.20
0.60
± 0.20
Unit: mm
+500
- 200
0.10
0.05
0.10
0.05
ATR 0402
50V
100V
-1
Ω~9.9Ω
1
Ω~9.9Ω
1
Ω~9.9Ω
1A
50m
ΩMAX
± 200
100
Ω~990Ω
10
Ω~990Ω
10
Ω~990Ω
10
Ω~990Ω
± 100
100
Ω~1MΩ
--
ATR 0603
50V
100V
± 200
10
Ω~99Ω
10
Ω~10MΩ
1A
50m
ΩMAX
± 400
-
1
Ω~9.9Ω
33
Ω~1MΩ
10
Ω~32Ω
1.1M~10M
Ω
1
Ω~9.9Ω
10
Ω~10MΩ
1
Ω~9.9Ω
11M
Ω~26MΩ
10
Ω~10MΩ
1
Ω~9.9Ω
11M
Ω~26MΩ
10
Ω~10MΩ
1
Ω~9.9Ω
11M
Ω~26MΩ
33
Ω~1MΩ
10
Ω~32Ω
1.1M~10M
1
Ω~9.9Ω
33
Ω~1MΩ
10
Ω~32Ω
1.1M~10M
Ω
1
Ω~9.9Ω
33
Ω~1MΩ
10
Ω~32Ω
1.1M~10M
1
Ω~9.9Ω
± 100
100
Ω~1MΩ
--
ATR 0805
150V
300V
± 200
-
10
Ω~10MΩ
2A
50m
ΩMAX
± 400
-
1
Ω~9.9Ω
± 100
100
Ω~1MΩ
--
ATR 1206
200V
400V
± 200
-
10
Ω~10MΩ
2A
50m
ΩMAX
± 400
-
1
Ω~9.9Ω
± 100
100
Ω~1MΩ
--
ATR 1210
200V
400V
± 200
-
10
Ω~10MΩ
10
Ω~20MΩ
2A
50m
ΩMAX
± 400
-
1
Ω~9.9Ω
1
Ω~9.9Ω
± 100
-
10
Ω~1MΩ
--
ATR 2010
200V
400V
± 200
-
-
10
Ω~1MΩ
10
Ω~1MΩ
2A
50m
ΩMAX
± 400
-
-
-
1
Ω~9.9Ω
± 100
-
10
Ω~1MΩ
--
ATR 2521
1W
200V
400V
± 200
-
-
10
Ω~1MΩ
10
Ω~1MΩ
2A
50m
ΩMAX
± 400
-
-
-
1
Ω~9.9Ω
1
W
16
1
W
10
1
W
8
1
W
4
1
W
3
3
W
4
■General Specifications
-55
˚C ~
+155
˚C
■OPERATING
TEMPERATURE
RANGE


Similar Part No. - ATR0402

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0600 ATMEL-ATR0600 Datasheet
305Kb / 11P
ATR0600 ATR0600
ATR0600-PJQ ATMEL-ATR0600-PJQ Datasheet
305Kb / 11P
ATR0600 ATR0600
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
GPS FRONT-END IC
ATR0601 ATMEL-ATR0601 Datasheet
556Kb / 18P
GPS Front-end IC
ATR0601-PFQW ATMEL-ATR0601-PFQW Datasheet
1Mb / 17P
GPS FRONT-END IC
More results

Similar Description - ATR0402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPFX1202 ROHM-MCR03EZPFX1202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com