Electronic Components Datasheet Search
  English  ▼

X  

TMUX6219 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX6219
Description  TMUX6219 36V, Low Ron, 2:1 (SPDT) Switch with 1.8V Logic
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6219 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX6219 Datasheet HTML 12Page - Texas Instruments TMUX6219 Datasheet HTML 13Page - Texas Instruments TMUX6219 Datasheet HTML 14Page - Texas Instruments TMUX6219 Datasheet HTML 15Page - Texas Instruments TMUX6219 Datasheet HTML 16Page - Texas Instruments TMUX6219 Datasheet HTML 17Page - Texas Instruments TMUX6219 Datasheet HTML 18Page - Texas Instruments TMUX6219 Datasheet HTML 19Page - Texas Instruments TMUX6219 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
5.16 Typical Characteristics
at TA = 25°C
VS or VD - Source or Drain Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
1
1.5
2
2.5
3
3.5
4
VDD = 18 V, VSS = –18 V
VDD = 15 V, VSS = –15 V
VDD = 13.5 V, VSS = −13.5 V
Figure 5-1. On-Resistance vs Source or Drain Voltage – Dual
Supply
Figure 5-2. On-Resistance vs Source or Drain Voltage – Dual
Supply
VS or VD - Source or Drain Voltage (V)
0
4
8
12
16
20
24
28
32
36
1
2
3
4
5
VDD = 36 V, VSS = 0 V
VDD = 24 V, VSS = 0 V
VDD = 18 V, VSS = 0 V
Figure 5-3. On-Resistance vs Source or Drain Voltage – Single
Supply
Figure 5-4. On-Resistance vs Source or Drain Voltage – Single
Supply
VDD = 15 V, VSS = −15 V
Figure 5-5. On-Resistance vs Temperature
VS or VD - Source or Drain Voltage (V)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
1
2
3
4
5
6
7
8
9
10
11
12
TA = 125C
TA = 85C
TA = 25C
TA = -40C
VDD = 5 V, VSS = −8 V
Figure 5-6. On-Resistance vs Temperature
TMUX6219
SCDS420E – SEPTEMBER 2020 – REVISED JULY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX6219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com