Electronic Components Datasheet Search
  English  ▼

X  

TMUX7411F Datasheet(PDF) 36 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7411F Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 32Page - Texas Instruments TMUX7411F Datasheet HTML 33Page - Texas Instruments TMUX7411F Datasheet HTML 34Page - Texas Instruments TMUX7411F Datasheet HTML 35Page - Texas Instruments TMUX7411F Datasheet HTML 36Page - Texas Instruments TMUX7411F Datasheet HTML 37Page - Texas Instruments TMUX7411F Datasheet HTML 38Page - Texas Instruments TMUX7411F Datasheet HTML 39Page - Texas Instruments TMUX7411F Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
9.4.3 Truth Tables
Table 9-1, Table 9-2, and Table 9-3 show the truth tables for the TMUX7411F, TMUX7412F, and TMUX7413F,
respectively. Each switch is independently controlled by its own select pin.
Table 9-1. TMUX7411F Truth Table
SELx
Switch x (S1 to S4)
0
Channel x ON
1
Channel x OFF
Table 9-2. TMUX7412F Truth Table
SELx
Switch x (S1 to S4)
0
Channel x OFF
1
Channel x ON
Table 9-3. TUMUX7413F Truth Table
SELx
STATE
0
Switch 1, 4 OFF
Switch 2, 3 ON
1
Switch 1, 4 ON
Switch 2, 3 OFF
If unused, SELx pins must be tied to GND to ensure the device does not consume additional current as
highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path inputs (Sx or Dx) should be
connected to GND.
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404B – MARCH 2021 – REVISED NOVEMBER 2022
www.ti.com
36
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com