Electronic Components Datasheet Search
  English  ▼

X  

TMUX7413F Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX7413F
Description  TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7413F Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX7413F Datasheet HTML 22Page - Texas Instruments TMUX7413F Datasheet HTML 23Page - Texas Instruments TMUX7413F Datasheet HTML 24Page - Texas Instruments TMUX7413F Datasheet HTML 25Page - Texas Instruments TMUX7413F Datasheet HTML 26Page - Texas Instruments TMUX7413F Datasheet HTML 27Page - Texas Instruments TMUX7413F Datasheet HTML 28Page - Texas Instruments TMUX7413F Datasheet HTML 29Page - Texas Instruments TMUX7413F Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
8.5 Input and Output Leakage Current Under Overvoltage Fault
If any of the source pin voltage goes above the supplies (VDD or VSS) by one threshold voltage (VT), then the
overvoltage protection feature of the TMUX7411F, TMUX7412F, and TMUX7413F is triggered to turn off the
switch under fault, keeping the fault channel in a high-impedance state. IS(FA) and ID(FA) denotes the input and
output leakage current under overvoltage fault conditions, respectively. When the overvoltage fault occurs, the
supply (or supplies) can either be in normal operating condition (Figure 8-5) or abnormal operating condition
(Figure 8-6). During abnormal operating condition, the supply (or supplies) can either be unpowered (VDD= VSS =
0 V) or floating (VDD= VSS = no connection), and remains within the leakage performance specifications.
IS(FA) / ID(FA)
( |VS| > |VDD + VT| or |VSS - VT| )
Is (FA)
S1
A
GND
VS
D1
Is (FA)
S4
A
VS
D4
SW
SW
A
ID (FA)
A
ID (FA)
VDD
VSS
VD
VD
Figure 8-5. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault with
Normal Supplies
Unpowered
(VDD = VSS = GND = 0 V)
N.C.
Is (FA)
S1
VDD
VSS
GND
A
GND
VS
D1
Is (FA)
S4
GND
A
VS
D4
GND
RL
A
ID (FA)
GND
RL
A
ID (FA)
SW
SW
GND
Is (FA)
S1
VDD
VSS
GND
A
GND
VS
D1
Is (FA)
S4
GND
A
VS
D4
GND
RL
A
ID (FA)
GND
RL
A
ID (FA)
SW
SW
Floating
(VDD = VSS = N.C.)
Figure 8-6. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault with
Unpowered or Floating Supplies
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404B – MARCH 2021 – REVISED NOVEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com