Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2RTJR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPA2016D2RTJR
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2RTJR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2016D2RTJR Datasheet HTML 4Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 5Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 6Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 7Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 8Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 9Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 10Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 11Page - Texas Instruments TPA2016D2RTJR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−70
−50
−30
−10
10
G005
Limiter Level = 9 dBV
RL = 8 Ω + 33 µH
VSupply = 5 V
Compression Ratio = 4:1
Max Gain = 30 dB
Fixed Gain = −15
Fixed Gain = −12
Fixed Gain = −9
Fixed Gain = −6
Fixed Gain = −3
Fixed Gain = 0
Fixed Gain = 3
Fixed Gain = 6
Fixed Gain = −27
Fixed Gain = −24
Fixed Gain = −21
Fixed Gain = −18
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−70
−50
−30
−10
10
G006
Limiter Level = 9 dBV
RL = 8 Ω + 33 µH
VSupply = 5 V
Compression Ratio = 8:1
Max Gain = 30 dB
Fixed Gain = −12
Fixed Gain = −9
Fixed Gain = −6
Fixed Gain = −3
Fixed Gain = 0
Fixed Gain = 3
Fixed Gain = −27
Fixed Gain = −24
Fixed Gain = −21
Fixed Gain = −18
Fixed Gain = −15
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−40
−30
−20
−10
0
10
G003
RL = 8 Ω + 33 µH
VSupply = 5 V
Fixed Gain = Max Gain = 30 dB
Compression Ratio = 1:1
Limiter Level = −6.5
Limiter Level = −4.5
Limiter Level = −2.5
Limiter Level = −0.5
Limiter Level = 1.5
Limiter Level = 3.5
Limiter Level = 5.5
Limiter Level = 7.5
Limiter Level = 9
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−70
−50
−30
−10
10
G004
Limiter Level = 9 dBV
RL = 8 Ω + 33 µH
VSupply = 5 V
Fixed Gain (2:1)
Compression Ratio = 2:1
Max Gain = 30 dB
Fixed Gain = −12
Fixed Gain = −9
Fixed Gain = −6
Fixed Gain = −3
Fixed Gain = 0
Fixed Gain = 3
Fixed Gain = 6
Fixed Gain = 9
Fixed Gain = 12
VDD − Supply Voltage − V
0
2
4
6
8
10
2.5
3.5
4.5
5.5
G001
VDD − Supply Voltage − V
0
20
40
60
80
100
2.5
3.5
4.5
5.5
G002
SDZ = 0 V
SDZ = VDD, SWS = 1
8
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7.9 Typical Characteristics
with C(DECOUPLE) = 1 μF, CI = 1 µF.
Figure 3. Quiescent Supply Current vs Supply Voltage
Figure 4. Supply Current vs Supply Voltage in Shutdown
Figure 5. Output Level vs Input Level With Limiter Enabled
Figure 6. Output Level vs Input Level With 2:1 Compression
Figure 7. Output Level vs Input Level With 4:1 Compression
Figure 8. Output Level vs Input Level With 8:1 Compression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com