Electronic Components Datasheet Search
  English  ▼

X  

TMUX7309FPWR Datasheet(PDF) 29 Page - Texas Instruments

Part # TMUX7309FPWR
Description  TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7309FPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMUX7309FPWR Datasheet HTML 25Page - Texas Instruments TMUX7309FPWR Datasheet HTML 26Page - Texas Instruments TMUX7309FPWR Datasheet HTML 27Page - Texas Instruments TMUX7309FPWR Datasheet HTML 28Page - Texas Instruments TMUX7309FPWR Datasheet HTML 29Page - Texas Instruments TMUX7309FPWR Datasheet HTML 30Page - Texas Instruments TMUX7309FPWR Datasheet HTML 31Page - Texas Instruments TMUX7309FPWR Datasheet HTML 32Page - Texas Instruments TMUX7309FPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
8.6 Enable Delay Time
tON(EN) time is defined as the time taken by the output of the TMUX7308F and TMUX7309F to rise to a 90% final
value after the EN signal has risen to a 50% final value. tOFF(EN) is defined as the time taken by the output of the
TMUX7308F and TMUX7309F to fall to a 10% initial value after the EN signal has fallen to a 50% initial value.
Figure 8-7 shows the setup used to measure the enable delay time.
3 V
VEN
0 V
50%
50%
tON(EN)
tOFF(EN)
0.1 VS
0.9 VS
Output
VS
tr < 20 ns
tf < 20 ns
SW
S1
S2
D
SW
S8
GND
GND
RL
VS
GND
GND
GND
VEN
GND
CL
GND
SW
Decoder
A0
A1
A2
EN
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 8-7. Enable Delay Measurement Setup
8.7 Transition Time
Transition time is defined as the time taken by the output of the device to rise (to 90% of the transition) or fall (to
10% of the transition) after the address signal (Ax) has fallen or risen to 50% of the transition. Figure 8-8 shows
the setup used to measure transition time, denoted by the symbol tTRAN.
3 V
VA
0 V
50%
50%
tTRAN 1
tTRAN 2
0.9 VS
0.1 VS
Output
VS
tr < 20 ns
tf < 20 ns
tTRAN = max ( tTRAN 1, tTRAN 2)
SW
S1
S2
D
SW
S8
GND
RL
GND
GND
SW
GND
Decoder
A0
A1
A2
GND
VA
GND
VS
GND
EN
VDD
VSS
VDD
VSS
GND
0.1 µF
CL
VEN
GND
0.1 µF
Figure 8-8. Transition Time Measurement Setup
www.ti.com
TMUX7308F, TMUX7309F
SCDS403C – FEBRUARY 2021 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com