Electronic Components Datasheet Search
  English  ▼

X  

ATR1210 Datasheet(PDF) 3 Page - ABCO ELECTRONICS CO.LTD

Part # ATR1210
Description  THICK FILM CHIP RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

ATR1210 Datasheet(HTML) 3 Page - ABCO ELECTRONICS CO.LTD

  ATR1210 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD ATR1210 Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD ATR1210 Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
72
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
THICK FILM CHIP RESISTORS
■STANDARD RESISTANCE VALUES
■ALTERNATE MARKING METHOD
■EXPLANATION OF PART NUMBERS
• For 2%, 5%(E-24)
• For 1%(E-96)
10
16
27
43
68
11
18
30
47
75
12
20
33
51
82
13
22
36
56
91
15
24
39
62
100
133
178
237
316
422
562
750
102
137
182
243
324
432
576
768
105
140
187
249
332
442
590
787
107
143
191
255
340
453
604
806
110
147
196
261
348
464
619
825
113
150
200
267
357
475
634
845
115
154
205
274
365
487
649
866
118
158
210
280
374
499
665
887
121
162
215
287
383
511
681
909
124
165
221
294
392
523
698
931
127
169
226
301
402
536
715
953
130
174
232
309
412
549
732
976
• For ATR0603 1%(E-96)
(EX)
Code
R Value
1
2
3
4
5
6
7
8
9
10
11
12
100
102
105
107
110
113
115
118
121
124
127
130
Code
R Value
13
14
15
16
17
18
19
20
21
22
23
24
133
137
140
143
147
150
154
158
162
165
169
174
25
26
27
28
29
30
31
32
33
34
35
36
178
182
187
191
196
200
205
210
215
221
226
232
37
38
39
40
41
42
43
44
45
46
47
48
237
243
249
255
261
267
274
280
287
294
301
309
49
50
51
52
53
54
55
56
57
58
59
60
316
324
332
340
348
357
365
374
383
392
402
412
61
62
63
64
65
66
67
68
69
70
71
72
422
432
442
453
464
475
487
499
511
523
536
549
73
74
75
76
77
78
79
80
81
82
83
84
562
576
590
604
619
634
649
665
681
698
715
732
85
86
87
88
89
90
91
92
93
94
95
96
750
768
787
806
825
845
866
887
909
931
953
976
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
Code
R Value
ATR
0402
101
JTP
Type
Size
Nominal Resistance
Tolerance
Packing
Thick Film
Chip Resistors
C: Sn/Pb Process
T : Sn(Ti) Process
0402
0603
0805
1206
1210
2010
2512
D=
± 0.5%
F=
± 1%
G=
± 2%
J=
± 5%
TH: 2mm Pitch Paper
(Taping) 10000pcs
TP: 4mm Pitch Paper
(Taping) 5000pcs
TE: 4mm Pitch Emboss
(Taping) 4000pcs
BA: Bulk Case
■Resistors
• 3-Digit: E24 Series
Ex 2.2
Ω=2R2
100
Ω=101
• 4-Digit: E96 Series
Ex 10.2
Ω=10R2
10K
Ω=1002
■Jumper: 000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com