Electronic Components Datasheet Search
  English  ▼

X  

SFP10GSRST Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # SFP10GSRST
Description  Cisco SFP-10G-SR Compatible SFP Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SFP10GSRST Datasheet(HTML) 2 Page - StarTech.com Ltd.

  SFP10GSRST Datasheet HTML 1Page - StarTech.com Ltd. SFP10GSRST Datasheet HTML 2Page - StarTech.com Ltd. SFP10GSRST Datasheet HTML 3Page - StarTech.com Ltd. SFP10GSRST Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Certifications, Reports and Compatibility
Applications
• Replacing defective or damaged SFP+ modules
 in Cisco switches and routers
• Expand your network to remote segments
Features
• 100% CISCO SFP-10G-SR COMPATIBLE: Works with Cisco switches like Firepower, ASR9000, C9300, C3850,
C9500 and others
• TECHNICAL SPECS: 10GBASE-SR 10 Gbps Multi Mode (MMF) LC Connector 850nm Digital Diagnostic
Monitoring (DDM) Distances up to 300m (984ft)
• TESTED FOR OEM HOST COMPATIBILITY: Hot-swappable in Cisco routers and switches; DDM support reports
the transceiver's status to most SNMP network management tools
• OUTSTANDING SUPPORT: Backed by StarTech.com for the life of the module itself, not your equipment; our
modules won't void your OEM support and with access to our Tech Advisors 5/24
• WORKS WITH MSA COMPLIANT SWITCHES: Also works with switch models from Ubiquiti, D-Link, Netgear,
Supermicro, TP-Link and more that accept uncoded modules
Hardware
Warranty
Lifetime
Compatible Brand
Cisco
WDM
No
Industry Standards
IEEE 802.3ae 10GBASE-SR
Performance
Maximum Data Transfer
Rate
11.1 Gbps
Max Transfer Distance
300 m (984 ft)
Type
Multi Mode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com