Electronic Components Datasheet Search
  English  ▼

X  

TPD2E001DRLR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPD2E001DRLR
Description  TPD2E001 Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2E001DRLR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPD2E001DRLR Datasheet HTML 18Page - Texas Instruments TPD2E001DRLR Datasheet HTML 19Page - Texas Instruments TPD2E001DRLR Datasheet HTML 20Page - Texas Instruments TPD2E001DRLR Datasheet HTML 21Page - Texas Instruments TPD2E001DRLR Datasheet HTML 22Page - Texas Instruments TPD2E001DRLR Datasheet HTML 23Page - Texas Instruments TPD2E001DRLR Datasheet HTML 24Page - Texas Instruments TPD2E001DRLR Datasheet HTML 25Page - Texas Instruments TPD2E001DRLR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
AROUND
0.05 MIN
AROUND
5X (0.67)
5X (0.3)
(1.48)
2X (0.5)
(R0.05) TYP
(1)
4220753/E 11/2024
SOT - 0.6 mm max height
DRL0005A
PLASTIC SMALL OUTLINE
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
SYMM
LAND PATTERN EXAMPLE
SCALE:30X
SYMM
1
3
4
5
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDERMASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com