Electronic Components Datasheet Search
  English  ▼

X  

TPS16630PWPR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS16630PWPR
Description  TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS16630PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS16630PWPR Datasheet HTML 7Page - Texas Instruments TPS16630PWPR Datasheet HTML 8Page - Texas Instruments TPS16630PWPR Datasheet HTML 9Page - Texas Instruments TPS16630PWPR Datasheet HTML 10Page - Texas Instruments TPS16630PWPR Datasheet HTML 11Page - Texas Instruments TPS16630PWPR Datasheet HTML 12Page - Texas Instruments TPS16630PWPR Datasheet HTML 13Page - Texas Instruments TPS16630PWPR Datasheet HTML 14Page - Texas Instruments TPS16630PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
7.7 Typical Characteristics (continued)
–40°C ≤ TA = TJ ≤ +125°C, V(IN) = V(P_IN) = 24 V, V( SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN, C(OUT) = 1
μF, C(dVdT) = OPEN (unless stated otherwise)
PLIM (W)
60
80
100
120
140
160
5
6
7
8
D042
Figure 7-7. Output Power Limiting Accuracy vs PLIM
Supply Voltage (V)
0
10
20
30
40
50
60
1
0
2
25
3
50
4
75
5
100
6
125
7
150
D052
CURRENT LIMIT
POWER LIMIT
TPS16632
R(PLIM) = 100 kΩ
R(ILIM) = 3 kΩ
Figure 7-8. Power Limit, Current Limit vs Supply Voltage
Output Current (A)
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
6.6
0
20
40
60
80
100
120
140
160
D021
TA = 125qC
TA = 85qC
TA = 25qC
TA = -40qC
Figure 7-9. Current Monitor Output vs Output Current
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
100
120
140
160
D033
Figure 7-10. IMON Gain Accuracy at Low Output Current Levels
Temperature (qC)
-50
0
50
100
150
140
150
160
170
180
190
D029
Figure 7-11. Maximum Duration in Current and Power Limiting
vs Temperature
Temperature (qC)
-50
0
50
100
150
9
10
11
12
13
D031
tPGOODR
tPGOODF
Figure 7-12. PGOOD Rising and Falling Delay vs Temperature
www.ti.com
TPS1663
SLVSET9F – SEPTEMBER 2018 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS1663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com