Electronic Components Datasheet Search
  English  ▼

X  

TPS2500DRCT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2500DRCT
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500DRCT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2500DRCT Datasheet HTML 9Page - Texas Instruments TPS2500DRCT Datasheet HTML 10Page - Texas Instruments TPS2500DRCT Datasheet HTML 11Page - Texas Instruments TPS2500DRCT Datasheet HTML 12Page - Texas Instruments TPS2500DRCT Datasheet HTML 13Page - Texas Instruments TPS2500DRCT Datasheet HTML 14Page - Texas Instruments TPS2500DRCT Datasheet HTML 15Page - Texas Instruments TPS2500DRCT Datasheet HTML 16Page - Texas Instruments TPS2500DRCT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
TPS2500, TPS2501
www.ti.com
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
Figure 11. Eco-mode Control Scheme Operation, VIN = 3.3 V, IAUX = 10 mA
Overvoltage Protection
The TPS2500 provides overvoltage protection on VAUX to protect downstream devices. Overvoltage protection is
provided by disabling the gate drivers and power MOSFETs when an overvoltage condition is detected. The
TPS2500 uses a single AUX-high comparator to monitor the AUX voltage by sensing the voltage on the internal
feedback node fed into the error amplifier. The AUX-high comparator disables the gate driver whenever the
voltage on AUX exceeds the regulation point by 5% (typical). The gate driver remains disabled until the AUX
voltage falls below the 5% high OVP threshold. The overvoltage protection feature is disabled when VIN > VNFM
(5.05 V typical) to prevent unwanted shutdown.
Overload Conditions
The TPS2500 boost converter uses multiple overcurrent protection features to limit current in the event of an
overload or short-circuit condition. The first feature is the lower current-limit comparator that works on a
cycle-by-cycle basis. This comparator turns off the low-side MOSFET by resetting the PWM latch whenever the
current through the low-side MOSFET exceeds 4.5 A (typical). The low-side MOSFET remains off until the next
switching cycle. The second feature is the upper current-limit comparator that disables switching for eight
switching cycles whenever the current in the low-side MOSFET exceeds 6.7 A (typical). After eight switching
cycles, the boost converter resumes normal operation. The third feature is the constant-current start-up ISTART
comparator that disables switching and regulates the current through the high-side MOSFET whenever the
voltage on VAUX drops below the input voltage by VEXIT (700 mV typ). This feature protects the boost converter in
the event of an output short circuit on VAUX. ISTART also current-limit protects the synchronous MOSFET in
no-frequency mode when VIN > VNFM (5.05 V typical). The converter goes through normal start-up operation once
the short-circuit condition is removed. A fourth feature is the 85% (typical) maximum-duty-cycle clamp that
prevents excessive current from building in the inductor.
Determining the Maximum Allowable AUX and USB Current
The maximum output current of the boost converter out of AUX depends on several system-level factors
including input voltage, inductor value, switching frequency, and ambient temperature. The limiting factor for the
TPS2500 is the peak inductor current, which cannot exceed ISW (3 A minimum). The cycle-by-cycle current-limit
turns off the low-side NMOS as a protection mechanism whenever the inductor current exceeds ISW. The graph
in Figure 12 can be used as a guideline for determining the maximum total current at different input voltages. The
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com