Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 26Page - Texas Instruments TPS37 Datasheet HTML 27Page - Texas Instruments TPS37 Datasheet HTML 28Page - Texas Instruments TPS37 Datasheet HTML 29Page - Texas Instruments TPS37 Datasheet HTML 30Page - Texas Instruments TPS37 Datasheet HTML 31Page - Texas Instruments TPS37 Datasheet HTML 32Page - Texas Instruments TPS37 Datasheet HTML 33Page - Texas Instruments TPS37 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
to operating frequency. Input to SENSE2 of TPS37A will monitor the AC source by using a "resistive-drop"
supply topology circuit. The unique circuit resistively divides the AC voltage signal and provides only the positive
half wave Figure 10-5 into SENSE2 input. The half wave signal does not go through any output filter and hence
any change to the AC voltage or operating frequency can be rapidly detected. Knowing the operating frequency
of the AC source and converting to the time domain, the TPS37A SENSE2 delay can be programmed, by the
capacitor on CTS2 pin, to equal or be greater than one-half of the operating period (the frequency of the half
wave rectification signal) or the half cycle shown in Figure 10-5. When the half wave voltage amplitude falls
below the SENSE2 threshold voltage, the SENSE2 time delay counter begins to increment. If the next half wave
voltage amplitude exceeds the SENSE2 threshold voltage, the SENSE2 time delay counter will reset and the
TPS37A RESET2 pin will indicate no fault was detected. Conversely, if the voltage amplitude of the half wave
does not reach the SENSE2 threshold voltage within the programmed time delay of tCTS, a fault will occur.
Also, a fault can occur if the operating frequency from the AC source decreases, resulting in lower AC voltage
amplitude at the programmed time delay tCTS.
AC Early Fault Flag (RESET2)
t
FC = 1.25 ms
Half Cycle
t
CTS
Half Wave (SENSE2)
Full Cycle
t
HC = 0.625 ms
t
CTS
≤ tHC
Figure 10-5. Design 2 Timing Diagram
The TPS37A, with its ability of having a wide VDD range from 2.7 V to 65 V and under and overvoltage
detection, offers a unique “window operating” AC power rail monitoring solution. Combining SENSE delay
feature with the "resistive-drop" supply circuitry, detecting an undervoltage event on the half cycle of the AC
power rail provides a fast power fault response. Likewise, the TPS37A provides an overvoltage monitoring and
SENSE delay fault detection for the same AC power rail. With under and overvoltage supervision of the AC
power rail, applications needing a specific operating DC range to protect its subsystems is achieve through
TPS37A. Good design practice recommends using a 0.1-µF capacitor on the VDD pin and this capacitance may
need to increase if using an adjustable version with a resistor divider.
Note that this design solution is not isolated and one must take into account when planning to use in high power
systems.
TPS37
SNVSBJ1E – OCTOBER 2020 – REVISED AUGUST 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com