Electronic Components Datasheet Search
  English  ▼

X  

TPS2000CDGNR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS2000CDGNR
Description  TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2000CDGNR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS2000CDGNR Datasheet HTML 18Page - Texas Instruments TPS2000CDGNR Datasheet HTML 19Page - Texas Instruments TPS2000CDGNR Datasheet HTML 20Page - Texas Instruments TPS2000CDGNR Datasheet HTML 21Page - Texas Instruments TPS2000CDGNR Datasheet HTML 22Page - Texas Instruments TPS2000CDGNR Datasheet HTML 23Page - Texas Instruments TPS2000CDGNR Datasheet HTML 24Page - Texas Instruments TPS2000CDGNR Datasheet HTML 25Page - Texas Instruments TPS2000CDGNR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
1
2
6
7
8
3
Via to Bottom Layer Signal Ground Plane
4
5
Via to Bottom Layer Signal
22
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
1. Place the 100-nF bypass capacitor near the IN and GND pins, and make the connections using a low
inductance trace.
2. Place at least 10-µF low ESR ceramic capacitor near the OUT and GND pins, and make the connections
using a low inductance trace.
3. The PowerPAD must be directly connected to PCB ground plane using wide and short copper trace.
11.2 Layout Example
Figure 42. Recommended Layout
11.3 Power Dissipation and Junction Temperature
It is good design practice to estimate power dissipation and maximum expected junction temperature of the
TPS20xxC and TPS20xxC-2. The system designer can control choices of package, proximity to other power
dissipating devices, and printed-circuit board (PCB) design based on these calculations. These have a direct
influence on maximum junction temperature. Other factors, such as airflow and maximum ambient temperature,
are often determined by system considerations. It is important to remember that these calculations do not include
the effects of adjacent heat sources, and enhanced or restricted air flow.
Addition of extra PCB copper area around these devices is recommended to reduce the thermal impedance and
maintain the junction temperature as low as practical. The lower junction temperatures achieved by soldering the
pad improve the efficiency and reliability of both TPS20xxC and TPS20xxC-2 parts and the system. The following
examples were used to determine the
θJACustom thermal impedances noted in Thermal Information: SOT-23
and Thermal Information: MSOP-PowerPAD. They were based on use of the JEDEC high-k circuit board
construction (2 signal and 2 plane) with 4, 1-oz. copper weight, layers.
While TI recommends that the DGN package PAD be soldered to circuit board copper fill and vias for low thermal
impedance, there may be cases where this is not desired. For example, use of routing area under the IC. Some
devices are available in packages without the PowerPad (DGK) specifically for this purpose. The
θJA for the DGN
package with the pad not soldered and no extra copper, is approximately 141°C/W for 0.5-A and 1-A rated parts,
and 139°C/W for the 1.5-A and 2-A rated parts. The
θJA for the DGK mounted per Figure 45 is 110.3°C/W. These
values may be used in Equation 1 to determine the maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com