Electronic Components Datasheet Search
  English  ▼

X  

ADL8124 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL8124
Description  1GHz to 20GHz, Low Noise Amplifier with Integrated Temperature Sensor and Enable Function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8124 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL8124 Datasheet HTML 20Page - Analog Devices ADL8124 Datasheet HTML 21Page - Analog Devices ADL8124 Datasheet HTML 22Page - Analog Devices ADL8124 Datasheet HTML 23Page - Analog Devices ADL8124 Datasheet HTML 24Page - Analog Devices ADL8124 Datasheet HTML 25Page - Analog Devices ADL8124 Datasheet HTML 26Page - Analog Devices ADL8124 Datasheet HTML 27Page - Analog Devices ADL8124 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Data Sheet
ADL8124
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 24 of 29
AMPLIFIER OFF STATE (VENBL = 0V)
Figure 95. Isolation and Return Loss vs. Frequency,
1GHz to 20GHz, VDD = 3.3V
Figure 96. Isolation vs. Frequency for Various Temperatures,
1GHz to 20GHz, VDD = 3.3V
Figure 97. Input Return Loss vs. Frequency for Various Temperatures,
1GHz to 20GHz, VDD = 3.3V
Figure 98. Output Return Loss vs. Frequency for Various Temperatures,
1GHz to 20GHz, VDD = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com