Electronic Components Datasheet Search
  English  ▼

X  

LM248DT Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM248DT
Description  Four UA741 quad bipolar operational amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM248DT Datasheet(HTML) 5 Page - STMicroelectronics

  LM248DT Datasheet HTML 1Page - STMicroelectronics LM248DT Datasheet HTML 2Page - STMicroelectronics LM248DT Datasheet HTML 3Page - STMicroelectronics LM248DT Datasheet HTML 4Page - STMicroelectronics LM248DT Datasheet HTML 5Page - STMicroelectronics LM248DT Datasheet HTML 6Page - STMicroelectronics LM248DT Datasheet HTML 7Page - STMicroelectronics LM248DT Datasheet HTML 8Page - STMicroelectronics LM248DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID2161 Rev 5
5/10
LM248, LM348
Electrical characteristics
10
3
Electrical characteristics
Table 3. Electrical performances at VCC = ± 15 V, Tamb = 25 ° C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Rs ≤ 10 kΩ), Tamb = 25 °C
1
5
mV
Input offset voltage (Rs ≤ 10 kΩ), Tmin ≤ Tamb ≤ Tmax
6
Iio
Input offset current, Tamb = 25 °C
2
25
nA
Input offset current, Tmin ≤ Tamb ≤ Tmax
75
Iib
Input bias current, Tamb = 25 °C
30
100
Input bias current, Tmin ≤ Tamb ≤ Tmax
300
Avd
Large signal voltage gain (Vo = ±10 V, RL = 2 kΩ) ,
Tamb = 25 °C
50
160
V/mV
Large signal voltage gain (Vo = ±10 V, RL = 2 kΩ) ,
Tmin ≤ Tamb ≤ Tmax
25
SVR
Supply voltage rejection ratio (Rs ≤ 10 kΩ),
Tamb = 25 °C
77
100
dB
Supply voltage rejection ratio (Rs ≤ 10 kΩ),
Tmin ≤ Tamb ≤ Tmax
Icc
Supply current, all amp, no load,
Tamb = 25 °C
2.1
3.6
mA
Supply current, all amp, no load,
Tmin ≤ Tamb ≤ Tmax
4.8
Vicm
Input common mode voltage range,
Tamb = 25 °C
±12
V
Input common mode voltage range,
Tmin ≤ Tamb ≤ Tmax
CMR
Common mode rejection ratio (Rs ≤ 10 kΩ),
Tamb = 25 °C
70
110
dB
Common mode rejection ratio (Rs ≤ 10 kΩ),
Tmin ≤ Tamb ≤ Tmax
Ios
Output short-circuit current, Tamb = 25 °C
10
25
35
mA
±Vopp
Output voltage swing, Tamb = 25°C,
RL ≤ 10 kΩ
12
13
V
Output voltage swing, Tamb = 25°C,
RL ≤ 2 kΩ
10
12
Output voltage swing, Tmin ≤ Tamb ≤Tmax,
RL ≤ 10 kΩ
12
Output voltage swing, Tmin ≤ Tamb ≤Tmax,
RL ≤ 2 kΩ
10
SR
Slew rate
(VI = ±10 V, RL = 10 kΩ, CL = 100 pF, unity gain)
0.25
0.5
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com