Electronic Components Datasheet Search
  English  ▼

X  

LM248D Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM248D
Description  Four UA741 quad bipolar operational amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM248D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM248D Datasheet HTML 2Page - STMicroelectronics LM248D Datasheet HTML 3Page - STMicroelectronics LM248D Datasheet HTML 4Page - STMicroelectronics LM248D Datasheet HTML 5Page - STMicroelectronics LM248D Datasheet HTML 6Page - STMicroelectronics LM248D Datasheet HTML 7Page - STMicroelectronics LM248D Datasheet HTML 8Page - STMicroelectronics LM248D Datasheet HTML 9Page - STMicroelectronics LM248D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DocID2161 Rev 5
9/10
LM248, LM348
Ordering information
10
5
Ordering information
6
Revision history
Table 5. Order codes
Order code
Temperature range
Package
Packaging
Marking
LM248D
-40
° C to 105 ° CSO14
Tube
248
LM248DT
Tape and reel
LM348DT
0
° C to 70° C
SO14
Tape and reel
348
Table 6. Document revision history
Date
Revision
Changes
05-Jun-2013
4
Description: small text changes
Table 1: Device summary: updated layout
Replaced Figure 2: DIP14 package mechanical drawing,
Figure 2: SO14 package mechanical drawing, Table 4:
DIP14 package mechanical data, and Table 4: SO14
package mechanical data.
Added Section 5: Ordering information
06-Dec-2013
5
Removed LM148 - product obsolete
Removed DIP14 package (not recommended for new
design) and order codes relating to it (LM148N,
LM348N).
Table 2: Absolute maximum ratings: added ESD data



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com