Electronic Components Datasheet Search
  English  ▼

X  

TPS2041CDBVT Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS2041CDBVT
Description  TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2041CDBVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS2041CDBVT Datasheet HTML 25Page - Texas Instruments TPS2041CDBVT Datasheet HTML 26Page - Texas Instruments TPS2041CDBVT Datasheet HTML 27Page - Texas Instruments TPS2041CDBVT Datasheet HTML 28Page - Texas Instruments TPS2041CDBVT Datasheet HTML 29Page - Texas Instruments TPS2041CDBVT Datasheet HTML 30Page - Texas Instruments TPS2041CDBVT Datasheet HTML 31Page - Texas Instruments TPS2041CDBVT Datasheet HTML 32Page - Texas Instruments TPS2041CDBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Nov-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TPS2069CDBVTG4.A
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
PYKI
TPS2069CDBVTG4.B
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
PYKI
TPS2069CDGN
Active
Production
HVSSOP (DGN) | 8
80 | TUBE
Yes
NIPDAU | NIPDAUAG Level-2-260C-1 YEAR
-40 to 125
VBUQ
TPS2069CDGN-2
Active
Production
HVSSOP (DGN) | 8
80 | TUBE
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
PYSI
TPS2069CDGN-2.A
Active
Production
HVSSOP (DGN) | 8
80 | TUBE
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
PYSI
TPS2069CDGN.A
Active
Production
HVSSOP (DGN) | 8
80 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
VBUQ
TPS2069CDGN.B
Active
Production
HVSSOP (DGN) | 8
80 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
VBUQ
TPS2069CDGNR
Active
Production
HVSSOP (DGN) | 8
2500 | LARGE T&R
Yes
NIPDAU | NIPDAUAG Level-2-260C-1 YEAR
-40 to 125
VBUQ
TPS2069CDGNR-2
Active
Production
HVSSOP (DGN) | 8
2500 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
PYSI
TPS2069CDGNR-2.A
Active
Production
HVSSOP (DGN) | 8
2500 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
PYSI
TPS2069CDGNR.A
Active
Production
HVSSOP (DGN) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
VBUQ
TPS2069CDGNR.B
Active
Production
HVSSOP (DGN) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
VBUQ
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Multiple part markings will be inside parentheses. Only one part marking contained in parentheses and separated by a "~" will appear on a part. If a line is indented then it is a continuation of the previous line and the two
combined represent the entire part marking for that device.
Addendum-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com