Electronic Components Datasheet Search
  English  ▼

X  

062.05 Datasheet(PDF) 3 Page - Finder Relays, Inc.

Part # 062.05
Description  Power relays 16 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

062.05 Datasheet(HTML) 3 Page - Finder Relays, Inc.

  062.05 Datasheet HTML 1Page - Finder Relays, Inc. 062.05 Datasheet HTML 2Page - Finder Relays, Inc. 062.05 Datasheet HTML 3Page - Finder Relays, Inc. 062.05 Datasheet HTML 4Page - Finder Relays, Inc. 062.05 Datasheet HTML 5Page - Finder Relays, Inc. 062.05 Datasheet HTML 6Page - Finder Relays, Inc. 062.05 Datasheet HTML 7Page - Finder Relays, Inc. 062.05 Datasheet HTML 8Page - Finder Relays, Inc. 062.05 Datasheet HTML 9Page - Finder Relays, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
A
3
62 Series - Power relays 16 A
62
SERIES
62.82 / 62.83
62.82-0300 / 62.83-0300
2 CO (DPDT)
3 CO (3PDT)
2 NO (DPST-NO), ≥ 3 mm* 3 NO (3PST-NO), ≥ 3 mm*
16/30**
16/30**
250/400
250/400
4,000
4,000
750
750
0.8/—
0.8/1.5
0.8/—
0.8/1.5
16/0.6/0.4
16/1.1/0.7
1,000 (10/10)
1,000 (10/10)
AgCdO
AgCdO
6 - 12 - 24 - 48 - 60 - 110 - 120 - 230 - 240 - 400
6 - 12 - 24 - 48 - 60 - 110 - 125 - 220
2.2/1.3
3/3
(0.8…1.1)UN
(0.85…1.1)UN
(0.8…1.1)UN
(0.85…1.1)UN
0.8 UN/0.6 UN
0.8 UN/0.6 UN
0.2 UN/0.1 UN
0.2 UN/0.1 UN
10 · 10
6/30 · 106
10 · 10
6/30 · 106
100 · 10
3
100 · 10
3
11/4
15/3
6
6
1,500
2,500
–40…+70
–40…+50
RT I
RT I
•
2 & 3 pole changeover contact
•
Flange mount / Faston 250
•
2 & 3 pole normally open contact
(≥ 3 mm contact gap)
•
Flange mount / Faston 250
Contact specification
Contact configuration
Rated current/Maximum peak current
A
Rated voltage/Maximum switching voltage V AC
Rated load AC1
VA
Rated load AC15 (230 V AC)
VA
Motor rating (230/400 V AC)
kW
Breaking capacity DC1: 30/110/220 V
A
Minimum switching load
mW (V/mA)
Standard contact material
Coil specification
Nominal voltage (UN)
V AC (50/60 Hz)
V DC
Rated power AC/DC
VA (50 Hz)/W
Operating range
AC
DC
Holding voltage
AC/DC
Must drop-out voltage
AC/DC
Technical data
Mechanical life AC/DC
cycles
Electrical life at rated load AC1
cycles
Operate/release time
ms
Insulation between coil and contacts (1.2/50 μs) kV
Dielectric strength between open contacts V AC
Ambient temperature range
°C
Environmental protection
Approvals (according to type)
* Distance between contacts ≥ 3 mm
(EN 60730-1).
**With the AgSnO2 material the maximum
peak current is 120 A - 5 ms (NO contact).
FOR UL RATINGS SEE:
“General technical information” page V
For outline drawing see page 10
Features
Flange mount/Faston 250
16 A Power relay
•
Faston 250 (6.3x0.8 mm) termination Flange
or optional mounting adaptors
•
2 & 3 Pole changeover contacts or NO
(≥ 3 mm contact gap)
•
AC coils & DC coils
•
LED, mechanical indicator & test button options
•
Reinforced insulation between coil and
contacts according to EN 60335-1, with
6 mm clearance & 8 mm creepage distance
•
SELV coil-contact separator option
•
Cadmium Free contact material options
•
European Patent
62.82
62.83
62.82-0300
62.83-0300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com