Electronic Components Datasheet Search
  English  ▼

X  

HS1A Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # HS1A
Description  SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HS1A Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  HS1A Datasheet HTML 1Page - HY ELECTRONIC CORP. HS1A Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
HS1A thru HS1M
~ 102 ~
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 3.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
20
10
0
30
40
2
5
10
20
50
100
FIG.3
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
1
100
10
1
4
10
100
HS1A - HS1G
HS1J - HS1M
TJ = 25
°C
f = 1 MHz
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.4
0.2
0
25
0.6
0.8
1.0
50
75
100
125
150
175
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
10
1.0
0.01
0.1
TJ = 25
°C
PULSE WIDTH 300us
HS1A -HS1D
HS1G
HS1J - HS1M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com