Electronic Components Datasheet Search
  English  ▼

X  

EM101 Datasheet(PDF) 2 Page - LARSEN & TOUBRO LIMITED.

Part # EM101
Description  INGLE PHASE ENERGY METER-EM101 SINGLE PHASE ENERGY METER-EM101
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LARSENTOUBRO [LARSEN & TOUBRO LIMITED.]
Direct Link  https://www.larsentoubro.com/
Logo LARSENTOUBRO - LARSEN & TOUBRO LIMITED.

EM101 Datasheet(HTML) 2 Page - LARSEN & TOUBRO LIMITED.

  EM101 Datasheet HTML 1Page - LARSEN & TOUBRO LIMITED. EM101 Datasheet HTML 2Page - LARSEN & TOUBRO LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL SPECIFICATIONS
Type
s
s
s
s
s
Single Phase T
Single Phase T
Single Phase T
Single Phase T
Single Phase Two W
wo W
wo W
wo W
wo Wir
ir
ir
ir
ire
e
e
e
e
Accuracy
s
s
s
s
s
Class 1.0 as per IS:13779/IEC 61036
Class 1.0 as per IS:13779/IEC 61036
Class 1.0 as per IS:13779/IEC 61036
Class 1.0 as per IS:13779/IEC 61036
Class 1.0 as per IS:13779/IEC 61036
Electrical
s
s
s
s
s
Current
Current
Current
Current
Current
*****
IIIII
b
b
b
b
b ……… 2.5, 5,10A
……… 2.5, 5,10A
……… 2.5, 5,10A
……… 2.5, 5,10A
……… 2.5, 5,10A
*****
IIIII
max
max
max
max
max….. up to 600% I
….. up to 600% I
….. up to 600% I
….. up to 600% I
….. up to 600% I
b
b
b
b
b
s
s
s
s
s
V
V
V
V
Voltage
oltage
oltage
oltage
oltage
*****
240 V (p-n) (- 30% to + 20%)
240 V (p-n) (- 30% to + 20%)
240 V (p-n) (- 30% to + 20%)
240 V (p-n) (- 30% to + 20%)
240 V (p-n) (- 30% to + 20%)
s
s
s
s
s
Power factor Range
Power factor Range
Power factor Range
Power factor Range
Power factor Range
*****
0.5 lag – UPF – 0.8 lead
0.5 lag – UPF – 0.8 lead
0.5 lag – UPF – 0.8 lead
0.5 lag – UPF – 0.8 lead
0.5 lag – UPF – 0.8 lead
s
s
s
s
s
Frequency Range
Frequency Range
Frequency Range
Frequency Range
Frequency Range
*****
50 Hz
50 Hz
50 Hz
50 Hz
50 Hz +
+
+
+
+ 5%
5%
5%
5%
5%
s
s
s
s
s
Starting Current
Starting Current
Starting Current
Starting Current
Starting Current
*****
0.4% of Basic Current
0.4% of Basic Current
0.4% of Basic Current
0.4% of Basic Current
0.4% of Basic Current
LED indication
*****
Power on.
Power on.
Power on.
Power on.
Power on.
*****
Reverse Current
Reverse Current
Reverse Current
Reverse Current
Reverse Current
*****
Ear
Ear
Ear
Ear
Earth Load T
th Load T
th Load T
th Load T
th Load Tamper
amper
amper
amper
amper
*****
kWh Pulse output
kWh Pulse output
kWh Pulse output
kWh Pulse output
kWh Pulse output
Meter continues to operate satisfactorily under
the following conditions :-
s
s
s
s
s
Phase/Neutral Reversed.
Phase/Neutral Reversed.
Phase/Neutral Reversed.
Phase/Neutral Reversed.
Phase/Neutral Reversed.
s
s
s
s
s
Supply side-Load side interchanged
Supply side-Load side interchanged
Supply side-Load side interchanged
Supply side-Load side interchanged
Supply side-Load side interchanged
s
s
s
s
s
Full Load/Partial Load terminated to Earth.
Full Load/Partial Load terminated to Earth.
Full Load/Partial Load terminated to Earth.
Full Load/Partial Load terminated to Earth.
Full Load/Partial Load terminated to Earth.
s
s
s
s
s
Combination of any of the above.
Combination of any of the above.
Combination of any of the above.
Combination of any of the above.
Combination of any of the above.
Display
s
s
s
s
s
6 digit Stepper Motor Counter (1 decimal digit)
6 digit Stepper Motor Counter (1 decimal digit)
6 digit Stepper Motor Counter (1 decimal digit)
6 digit Stepper Motor Counter (1 decimal digit)
6 digit Stepper Motor Counter (1 decimal digit)
Operating Temperature
s
s
s
s
s
0 to 55
0 to 55
0 to 55
0 to 55
0 to 55oooooC ambient
C ambient
C ambient
C ambient
C ambient
SINGLE PHASE ENERGY METER-EM101+
Works…..KIADB Indl. Estate, Hebbal, Hootagalli, Mysore-570018. Ph: (0821) 402561. Fax: (0821) 402172.
x New Delhi: Ph: (011) 25177883. Fax: (011) 25438624 x Bangalore: Ph: (080) 5587825. Fax: (080) 5596397 x Kolkata: Ph:(033) 22823302.
Fax: (033) 22821025 xChandigarh: Ph:(0172) 370131. Fax:(0172) 792764 xMumbai: Ph:(022) 28581634. Fax:(022) 28582020
x Chennai: Ph:(044) 28462055 Fax: (044) 28462102.
Visit us at www.lntmps.com
LARSEN & TOUBRO LIMITED
METERING AND PROTECTION SYSTEMS
Product improvement is a continuous process. For the latest information, please contact any of our offices as listed above



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com