Electronic Components Datasheet Search
  English  ▼

X  

IP5389 Datasheet(PDF) 21 Page - Injoinic Technology Co.,Ltd.

Part # IP5389
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5389 Datasheet(HTML) 21 Page - Injoinic Technology Co.,Ltd.

Back Button IP5389 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5389 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5389 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5389 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5389 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5389 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5389 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5389 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5389 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
IP5389
V1.23
www.injoinic.com
21 / 41
Copyright © 2023, Injoinic Corp.
12.4
USB C
IP5389 integrates USB C input and output recognition interfaces, automatically switches the built-in
pull-up and pull-down resistors, and automatically recognizes charging and discharging properties of the
inserted device. With Try.SRC function, when the attached device is also DRP device, IP5389 will supply
power for the opposite device.
When it works as a DFP, it will output 3A current capability information through CC pin; when it works
as a UFP, it can identify the output current capability of the opposite device.
Rd
Ip_3P0
CC1/CC2
VREF1
VREF2
VREF3
VCCIO
Figure 6
CC internal circuit
Name
Value
Ip_3P0
330uA
Rd
5.1k
Table 7
Pull-up and pull-down ability
Table 8
Comparator threshold of pull-up Ip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com