Electronic Components Datasheet Search
  English  ▼

X  

IP5209 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP5209
Description  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5209 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP5209 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5209 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
IP5389
V1.23
www.injoinic.com
2 / 41
Copyright © 2023, Injoinic Corp.
converter, lithium battery charging management
and battery power indicator, providing a complete
power solution for fast charging mobile power
supplies. It can support four USB ports such as
two USB A ports, one USB C port and one USB B
port (lightning port or USB C port)at the same
time and fast charging when any USB port is
connected alone. When two or more output ports
are used at the same time, every port’s output
voltage is 5V.
Due to the high integration of IP5389, only
one inductor is needed to realize the bidirectional
buck-boost function. Only a few peripheral
components are needed in the application, which
effectively reduces the size of the overall solution
and reduces the BOM cost.
IP5389 supports 2/3/4/5 series batteries and
the synchronous switch buck-boost system can
provide a maximum output capacity of 100W.
When there is no load, it automatically enters the
dormant state.
IP5389 synchronous switch charging system
provides up to 8.0A charging current. The built-in
IC temperature, battery temperature and input
voltage control loop intelligently adjust the
charging current.
IP5389 built-in 14-bit ADC can accurately
measure battery voltage and current. Built-in
power calculation method can accurately obtain
battery power information. The battery power
curve can be customized to accurately display the
battery power.
IP5389 supports 4-LED power display,
supports 88, 188 and other nixie tube power
display; supports lighting function; supports keys.
3 Application Product
Power bank, power storage device
Portable devices such as mobile phones and
tablets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com